Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 901 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 901 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 897Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 898Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 899Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 900Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 901Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 902Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 903Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 904Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 905Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 901 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
823
34.6.1.8
Pin Data Register (Port A, B, C, D, F, G)
Offset see Table 34-11
Access: see Table 34-25
15
14
13
12
11
10
987
6543210
RDATA
W
Reset 0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
1 The reset value of this register depends on the value of the pins at the time of the first register READ after reset.
Figure 34-9. Port Wide Input Register (PORTIR, Port E)
Table 34-24. PORTIR (Port E) Field Descriptions
Field
Description
15–0
DATA
16-bit Port Read Register. This 16-bit read-only register reads back the value on the associated pins, and can
be used to detect overload or short circuit conditions on output pins.
Note: There is a 2 cycle synchronization that is performed on pin values before registering the value.
Therefore, there must be a minimum 2 system clock cycles between the time a pin is driven, and the
time that the register read is performed.
Note: Not all Ports are available on all packages. In the case where a port, or some pins in a port are not
available on a package, the value of the corresponding bit(s) in the PORTIR register are indeterminate.
Table 34-25. PORTIR (Port E) Allowed Register Accesses
8-bit
16-bit
32-bit
READ
Allowed
Allowed
Not Allowed
WRITE
Not Allowed
Not Allowed
Not Allowed
Offset see Table 34-11
Access: see Table 34-27
76
54
321
0
R
0
0
0
0
0
0
0
DATA
W
Reset
000
00
000
Figure 34-10. Pin Data Register (PINDATAxx, Port A, B, C, D, F, G)
Table 34-26. PINDATAxx (Port A, B, C, D, F, G) Field Descriptions
Field
Description
7–1
Reserved, should be cleared.
0
DATA
1-bit Write/Read Data Register. This 1-bit field provides a means to drive and sample individual pins without
the need for mask and shift operations in software, and is particularly useful for using the GPIO functionality of
a pin under DMA control. Writing/Reading to/from this register is functionally equivalent to writing/reading the
corresponding bit in the PORTDATA register, but without the need to mask and shift the value. (i.e.-Reading
from PINDATA3 is equivalent to reading PORTDATA, AND’ing the result with 0x0008, and shifting the result
right by 3 places). See Section 34.8.2.2.2, “Driving/Sampling Individual Pins,” for examples using this feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com