Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 903 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 903 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 899Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 900Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 901Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 902Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 903Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 904Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 905Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 906Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 907Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 903 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
825
34.6.1.11 PIM Configuration Register
This register allows software to disable or enable the external bus interface of the device.
Offset see Table 34-11
Access: see Table 34-31
15
14
13
12
11
10
987
6543210
R
0000
00000
INT_PENDING
W
Reset
0000
0000000
00000
Figure 34-12. Global Interrupt Status Register (GLBLINT)
Table 34-30. GLBLINT Field Descriptions
Field
Description
15–7
Reserved, should be cleared.
6–0
INT_PENDING
Interrupt Pending. These bits reflect any pending interrupts on Port A, B, C, D, F, E, G.
0 No interrupt is pending
1 Interrupt is pending
Table 34-31. GLBLINT Allowed Register Accesses
8-bit
16-bit
32-bit
READ
Allowed
Allowed
Not Recommended
WRITE
Not Allowed
Not Allowed
Not Allowed
Offset see Table 34-11
Access: see Table 34-33
15
14
13
12
11
10
987
6543210
R
0000
0000000
0
00
0
W
Reset
0000
0000000
000
1/01
0
1 The reset value of EIMCLKEN depends on the Chip Mode of the system. If the system is placed into a mode where
booting is done from the external bus, the reset value will be ’1’. Otherwise, the reset value will be ’0’.
Figure 34-13. PIM Configuration Register (PICONFIG)
Bit
Port
Bit
Port
0Port A4Port E
1Port B5
Port F
2
Port C
6
Port G
3Port D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com