Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 899 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 899 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 895Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 896Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 897Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 898Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 899Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 900Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 901Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 902Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 903Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 899 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
821
34.6.1.5
Port Wide Data Register (Port E)
NOTE
Because Port E implements only General Purpose Input (GPI) functionality,
the functionality of this register differs from the rest of the Ports. Careful
attention should be paid to the description of this register.
Table 34-18. PORTDATA (Port A, B, C, D, F, G) Field Descriptions
Field
Descriptions
15–0
DATA
16-bit Write/Read Data Register. This 16-bit field is used to drive and sample values to and from the associated
pins. It has the following functionality (on a pin-by-pin basis):
• In Peripheral Mode, the corresponding bit of the register is not used
• In GPIO Mode, when the pin is configured as an input (MODE=0, DDR=0), the corresponding bit in the
PORTDATA register reflects the value(s) driven onto the pin(s) by external hardware, not the value
previously written to the PORTDATA register. Note that there is a 2 clock cycle delay between the changing
of the value on a pin and the reflection of the new value in the PORTDATA register.
In GPIO Mode, when the pin is configured as an output (MODE=0, DDR=1), the corresponding bit in the
PORTDATA register is used to specify the value to drive onto the pin.
Table 34-19. PORTDATA (Port A, B, C, D, F, G) Allowed Register Accesses
8-bit
16-bit
32-bit
READ
Allowed
Allowed
Not Recommended
WRITE
Allowed
Allowed
Not Recommended
Offset see Table 34-11
Access: see Table 34-21
15
14
13
12
11
10
987
6543210
RDATA
W
Reset
0000
0000000
00000
Figure 34-7. Port Wide Data Register (PORTDATA Port E)
Table 34-20. PORTDATA (Port E) Field Descriptions
Field
Description
15–0
DATA
16-bit Write/Read Data Register. This 16-bit field is used to sample values to and from the associated pins. It
has the following functionality (on a pin-by-pin basis):
• In Peripheral Mode, the corresponding bit of the register is not used
• In GPI Mode the corresponding bit in the PORTDATA register reflects the value(s) driven onto the pin(s) by
external hardware. Note that there is a 2 clock cycle delay between the changing of the value on a pin and
the reflection of the new value in the PORTDATA regist



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com