Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 896 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 896 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 892Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 893Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 894Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 895Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 896Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 897Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 898Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 899Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 900Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 896 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
818
Freescale Semiconductor
34.6.1.2
Pin Configuration Register (Port E)
NOTE
Because Port E implements only General Purpose Input (GPI) functionality,
the functionality of this register differs from the rest of the Ports. Careful
attention should be paid to the description of this register.
Each pin of Port E (16 pins) may be independently configured to select an optional pull-up or pull-down.
In order to use pins in Port E as ATD analog channels or external triggers, the pin must be configured to
Peripheral Mode.
3–2
PULL
Pull-up/Pull-down Enable Register. These bits serves a dual purpose by selecting the polarity of the active
interrupt edge as well as selecting a pull-up or pull-down device if enabled. Pull-ups/pull-downs may be
enabled or disabled when the pin is in either Peripheral or GPIO modes.
1
PIER
Pin Interrupt Enable Register. This bit masks the interrupt associated with a particular Pin Interrupt Flag
Register bit. If this bit is set, an interrupt will occur if the corresponding Flag Register bit is set. If this bit is
cleared, then no interrupt will occur if the Flag Register bit is set. Note that this bit does not affect the
setting/clearing of the Flag Register bit, it only determines whether a system interrupt will be generated or not.
0 Interrupt is masked
1 Interrupt is generated when PIFR is set by an active edge
0
PIFR
Pin Interrupt Flag Register. This bit signals that an active edge (i.e.-external interrupt) has been detected.
Writing a ’1’ to this bit clears the pending interrupt. Writing ’0’ has no effect. Interrupts are enabled on the pin
only when the pin is in GPIO Mode and is configured to be an input (MODE=0, DDR=0).
0 No active edge pending.
1 An active edge has been detected on the corresponding pin. If the PIER bit is also set, an interrupt will occur.
Table 34-13. CONFIGxx (Port A, B, C, D, F, G) Allowed Register Accesses
8-bit
16-bit
32-bit
READ
Allowed
Allowed
Allowed 1
(Reads multiple CONFIG registers)
1. All 32-bit accesses must be aligned to 32-bit addresses (i.e.-0xxx0, 0xxx4, 0xxx8 or 0xxxC).
WRITE
Not Recommended 2
2. For backwards compatibility, 8-bit writes to the lower 8-bits (bit [7:0]) of a CONFIG register may be done if the upper 8-bits are
cleared (zero). For future compatibility, it is recommended to use a 16-bit read-mask-write operation on this register.
Allowed
Allowed 1
(Writes multiple CONFIG registers)
Table 34-12. CONFIGxx (Port A, B, C, D, F, G) Field Descriptions (Continued)
Field
Description
Value
Function
External Interrupt Edge
00
No Pull-up/Pull-down
Rising Edge
01
No Pull-up/Pull-down
Falling Edge
10
Pull-down Enabled
Rising Edge
11
Pull-up Enabled
Falling Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com