Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 894 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 894 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 890Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 891Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 892Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 893Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 894Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 895Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 896Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 897Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 898Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 894 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
816
Freescale Semiconductor
All registers are accessible via 8-bit, 16-bit or 32-bit accesses. However, 16-bit accesses must be aligned
to 16-bit boundaries, and 32-bit accesses must be aligned to 32-bit boundaries. As an example, the
CONFIG1 register for Port A is accessible by a 16-bit READ/WRITE to address ’Base + 0x000’, but
performing a 16-bit access to ’Base + 0x001’ is illegal.
34.6.1
Register Descriptions
This section consists of register descriptions in address order. Because 6 Ports (Port A, B, C, D, F, G) are
identical in their memory map, the following descriptions will only be given for a single Port.
34.6.1.1
Pin Configuration Register (Port A, B, C, D, F, G)
Each pin of Port A, B, C, D, F, G (16 per port) may be independently configured to select between
Peripheral and GPIO Modes, as well as the pin characteristics when GPIO Mode is selected. Note that
Base + 0x01C0
to
Base + 0x03BF
Reserved
See Note 2
Base + 0x03C0
Global Interrupt Status (GLBLINT)
16
R
A
Base + 0x03C2
PIM Configuration (PIMCONFIG)
16
R/W
A
Base + 0x03C4
TDI Pin Configuration (CONFIG_TDI)
16
R/W
A
Base + 0x03C6
TDO Pin Configuration (CONFIG_TDO)
16
R/W
A
Base + 0x03C8
TMS Pin Configuration (CONFIG_TMS)
16
R/W
A
Base + 0x03CA
TCK Pin Configuration (CONFIG_TCK)
16
R/W
A
Base + 0x03CC
Reserved
Writing this register will have no effect.
Reading this register will return 0x0000
Base + 0x03CE
RESET Pin Configuration (CONFIG_RESET)
16
R/W
A
Base + 0x03D0
to
Base + 0x03DF
Reserved
See Note 2
Base + 0x03E0
PORT32IR_AB
32
R
A
Base + 0x03E4
PORT32IR_CD
32
R
A
Base + 0x03E8
PORT32IR_F
32
R
A
Base + 0x03EC
PORT32IR_G
32
R
A
Base + 0x03F0
PORT32IR_BC
32
R
A
Base + 0x03F4
PORT32IR_D
32
R
A
Base + 0x03F8
PORT32IR_FG
32
R
A
Base + 0x03FC
Reserved
Writing this register will have no effect.
Reading this register will return 0x0000
Base + 0x0400
to
Base + 0x3FFF
Reserved
See Note 2
1. U = User Mode, S = Supervisor Mode, A = All (No restrictions)
2. If enabled at the SoC level, accessing these registers will cause bus aborts. Refer to the System Services Module
documentation for more details.
Table 34-11. Port Integration Module Memory Map (Continued)
Address
Use
Size
Access
Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com