Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 892 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 892 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 888Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 889Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 890Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 891Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 892Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 893Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 894Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 895Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 896Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 892 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
814
Freescale Semiconductor
Base + 0x140
Port F: Pin 0 Configuration (CONFIG0)
16
R/W
A
Base + 0x142
Port F: Pin 1 Configuration (CONFIG1)
16
R/W
A
Base + 0x144
Port F: Pin 2 Configuration (CONFIG2)
16
R/W
A
Base + 0x146
Port F: Pin 3 Configuration (CONFIG3)
16
R/W
A
Base + 0x148
Port F: Pin 4 Configuration (CONFIG4)
16
R/W
A
Base + 0x14A
Port F: Pin 5 Configuration (CONFIG5)
16
R/W
A
Base + 0x14C
Port F: Pin 6 Configuration (CONFIG6)
16
R/W
A
Base + 0x14E
Port F: Pin 7 Configuration (CONFIG7)
16
R/W
A
Base + 0x150
Port F: Pin 8 Configuration (CONFIG8)
16
R/W
A
Base + 0x152
Port F: Pin 9 Configuration (CONFIG9)
16
R/W
A
Base + 0x154
Port F: Pin 10 Configuration (CONFIG10)
16
R/W
A
Base + 0x156
Port F: Pin 11 Configuration (CONFIG11)
16
R/W
A
Base + 0x158
Port F: Pin 12 Configuration (CONFIG12)
16
R/W
A
Base + 0x15A
Port F: Pin 13 Configuration (CONFIG13)
16
R/W
A
Base + 0x15C
Port F: Pin 14 Configuration (CONFIG14)
16
R/W
A
Base + 0x15E
Port F: Pin 15 Configuration (CONFIG15)
16
R/W
A
Base + 0x160
Port F: Port Wide Interrupt Flag (PORTIFR)
16
R/W
A
Base + 0x162
Reserved
Writing this register will have no effect.
Reading this register will return 0x00
Base + 0x164
Port F: Port Wide Data Read/Write (PORTDATA)
16
R/W
A
Base + 0x166
Port F: Port Wide Input (PORTIR)
16
R
A
Base + 0x168
Port F: Pin0 Data Read/Write (PINDATA0)
8
R/W
A
Base + 0x169
Port F: Pin1 Data Read/Write (PINDATA1)
8
R/W
A
Base + 0x16A
Port F: Pin2 Data Read/Write (PINDATA2)
8
R/W
A
Base + 0x16B
Port F: Pin3 Data Read/Write (PINDATA3)
8
R/W
A
Base + 0x16C
Port F: Pin4 Data Read/Write (PINDATA4)
8
R/W
A
Base + 0x16D
Port F: Pin5 Data Read/Write (PINDATA5)
8
R/W
A
Base + 0x16E
Port F: Pin6 Data Read/Write (PINDATA6)
8
R/W
A
Base + 0x16F
Port F: Pin7 Data Read/Write (PINDATA7)
8
R/W
A
Base + 0x170
Port F: Pin8 Data Read/Write (PINDATA8)
8
R/W
A
Base + 0x171
Port F: Pin9 Data Read/Write (PINDATA9)
8
R/W
A
Base + 0x172
Port F: Pin10 Data Read/Write (PINDATA10)
8
R/W
A
Base + 0x173
Port F: Pin11 Data Read/Write (PINDATA11)
8
R/W
A
Base + 0x174
Port F: Pin12 Data Read/Write (PINDATA12)
8
R/W
A
Base + 0x175
Port F: Pin13 Data Read/Write (PINDATA13)
8
R/W
A
Base + 0x176
Port F: Pin14 Data Read/Write (PINDATA14)
8
R/W
A
Base + 0x177
Port F: Pin15 Data Read/Write (PINDATA15)
8
R/W
A
Base + 0x178
to
Base + 0x17F
Reserved
Writing this register will have no effect.
Reading this register will return 0x00
Table 34-11. Port Integration Module Memory Map (Continued)
Address
Use
Size
Access
Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com