Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 895 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 895 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 891Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 892Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 893Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 894Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 895Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 896Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 897Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 898Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 899Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 895 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
817
some pins do not have Peripheral Mode functionality. In this case, when the pin is programmed to be in
Peripheral Mode, it will configured to be an output and will drive a low (0) signal out.
Offset see Table 34-11
Access: see Table 34-13
15
14
13
12
11
10
987
6543210
R
000
000
MODE
DDR
PULL
PIER
PIFR
W
Reset
0000
0000000
00000
Figure 34-3. Pin Configuration Register (CONFIGxx, Port A, B, C, D, F, G)
Table 34-12. CONFIGxx (Port A, B, C, D, F, G) Field Descriptions
Field
Description
15
SLEWDIS
Slew Rate Disable Register. This bit enables/disables slew rate control. If enabled, the Slew Rate Control
Register can be used to select between Slow and Fast slew rates. If disabled, no slew rate control is in effect,
and the Slew Rate Control Register has no effect.
0 Slew rate control enabled
1 Slew rate control disabled
14–9
Reserved, should be cleared.
8–7
MODE
Pin Mode Register. These bits switch the associated pin between Peripheral and GPI Modes.
00 GPIO Mode
01 Primary Peripheral Mode
10 Secondary Peripheral Mode
11 Tertiary Peripheral Mode
Note: It is not possible to use pad PD2 as a General Purpose Output. Pad PD2 behaves virtually identically if
it is configured in General Purpose Output Mode or in Peripheral Mode except that, in Peripheral Mode,
the open drain functionality is disabled. In GPO Mode, the open drain functionality may be
enabled/disabled via the ODER bit.
Note: If a Secondary Peripheral is not defined for the pin, then setting the Pin Mode to Secondary Peripheral
Mode is exactly equivalent to setting it to Primary Peripheral Mode. The same is true for Tertiary
Peripheral Mode.
Note: Currently, only pins PA8 and PA9 allow usage of non-primary peripheral mode. For all other pins only
MODE[1:0] values of 2’b00 or 2’b01 are allowed.
6
DDR
Data Direction Register. This bit switches the pin between output and input when the pin is in GPIO Mode
(MODE=0).
0 Pin is an input
1 Pin is an output
5
ODER
Open Drain Enable Register. This bit configures the pin to be open drain when the pin is in GPIO Mode
(MODE=0).
0 Open Drain is disabled on the pin
1 Open Drain is enabled on the pin
4
SLEW
Slew Rate Control Register. This bit selects the slew rate of the pin, and is used only when the pin is selected
as an output and the Slew Rate Enable is set.
0 Fast slew rate selected
1 Slow slew rate selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com