Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 898 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 898 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 894Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 895Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 896Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 897Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 898Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 899Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 900Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 901Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 902Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 898 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
820
Freescale Semiconductor
34.6.1.3
Port Wide Interrupt Flag Register
34.6.1.4
Port Wide Data Register (Port A, B, C, D, F, G)
1. For future compatibility, it is recommended to use a 16-bit or 32-bit read-mask-write operations on this register.
2. All 32-bit accesses must be aligned to 32-bit addresses (i.e.-0xxx0, 0xxx4, 0xxx8 or 0xxxC).
Offset see Table 34-11
Access: see Table 34-17
15
14
13
12
11
10
987
6543210
R IFR15 IFR14 IFR13 IFR12 IFR11 IFR10 IFR9
IFR8
IFR7
IFR6
IFR5
IFR4
IFR3
IFR2
IFR1
IFR0
W
Reset
0000
0000000
00000
Figure 34-5. Port Wide Interrupt Flag Register (PORTIFR)
Table 34-16. PORTIFR Field Descriptions
Field
Descriptions
15–0
IFRxx
Interrupt Flag bit. This 16-bit register allows the reading and clearing of the PIFR (Pin Interrupt Flag Register)
bits for all pins in a single bus access. This is useful for determining the exact source of an interrupt/wakeup,
and for clearing multiple interrupts simultaneously. Writing a ’1’ to a bit clears the corresponding pending
interrupt. Writing ’0’ has no effect. Interrupts are enabled on the pin only when the pin is in GPIO Mode and is
configured to be an input (MODE=0, DDR=0). Note that writing/reading to/from a bit in this register is
functionally identical to writing/reading to/from the PIFR bit in the CONFIG register for that pin. As an example,
setting IFR1 is the same as setting the PIFR bit in register CONFIG1.
Table 34-17. PORTIFR Allowed Register Accesses
8-bit
16-bit
32-bit
READ
Allowed
Allowed
Not Recommended
WRITE
Allowed
Allowed
Not Recommended
Offset see Table 34-11
Access: see Table 34-19
15
14
13
12
11
10
987
6543210
R
DATA
W
Reset
0000
0000000
00000
Figure 34-6. Port Wide Data Register (PORTDATA, Port A, B, C, D, F, G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com