Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 902 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 902 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 898Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 899Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 900Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 901Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 902Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 903Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 904Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 905Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 906Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 902 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
824
Freescale Semiconductor
34.6.1.9
Pin Data Register (Port E)
NOTE
Because Port E implements only General Purpose Input (GPI) functionality,
the functionality of this register differs from the rest of the Ports. Careful
attention should be paid to the description of this register.
34.6.1.10 Global Interrupt Status Register
This register allows software to determine which ports currently have interrupts pending.
Table 34-27. PINDATAxx (Port A, B, C, D, F, G) Allowed Register Accesses
8-bit
16-bit
32-bit
READ
Allowed
Allowed
Allowed
WRITE
Allowed
Allowed
Allowed
Offset see Table 34-11
Access: see Table 34-29
76
54
321
0
R
0
0
0
0
0
0
0
DATA
W
Reset
000
00
000
Figure 34-11. Pin Data Register (PINDATAxx, Port E)
Table 34-28. PINDATAxx (Port E) Field Descriptions
Field
Description
7–1
Reserved, should be cleared.
0
DATA
1-bit Read Data Register. This 1-bit field provides a means to sample individual pins without the need for mask
and shift operations in software. Reading from this register is functionally equivalent to reading the
corresponding bit in the PORTIR register, but without the need to mask and shift the value. (i.e.-Reading from
PINDATA3 is equivalent to reading PORTIR, AND’ing the result with 0x0008, and shifting the result right by 3
places). See Section 34.8.2.2.2, “Driving/Sampling Individual Pins,” for examples using this feature.
Table 34-29. PINDATAxx (Port E) Allowed Register Accesses
8-bit
16-bit
32-bit
READ
Allowed
Allowed
Allowed
WRITE
Not Allowed 1
1. Functionality differs from other Ports.
Not Allowed 1
Not Allowed 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com