Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 900 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 900 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 896Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 897Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 898Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 899Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 900Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 901Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 902Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 903Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 904Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 900 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
822
Freescale Semiconductor
34.6.1.6
Port Wide Input Register (Port A, B, C, D, F, G)
34.6.1.7
Port Wide Input Register (Port E)
NOTE
Because Port E implements only General Purpose Input (GPI) functionality,
the functionality of this register differs from the rest of the Ports. Careful
attention should be paid to the description of this register.
Table 34-21. PORTDATA (Port E) Allowed Register Accesses
8-bit
16-bit
32-bit
READ
Allowed
Allowed
Not Recommended
WRITE
Not Allowed
Not Allowed
Not Allowed
Offset see Table 34-11
Access: see Table 34-23
15
14
13
12
11
10
987
6543210
RDATA
W
Reset 0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
0/11
1 The reset value of this register depends on the value of the pins at the time of the first register READ after reset.
Figure 34-8. Port Wide Input Register (PORTIR, Port A, B, C, D, F, G)
Table 34-22. PORTIR (Port A, B, C, D, F, G) Field Descriptions
Field
Description
15–0
DATA
16-bit Port Read Register. This 16-bit read-only register reads back the value on the associated pins, and can
be used to detect overload or short circuit conditions on output pins. Functionally, it is related to the PORTDATA
register in the following manner:
• When the pin is configured as an input (DDR=0), reading the PORTDATA and PORTIR registers will yield
the same result
• When the pin is configured as an output (DDR=1), reading the PORTIR register will yield the value on the
pin, while reading the PORTDATA register will yield the value in the PORTDATA register. If the pin is in
Peripheral Mode (MODE=1), then the value in the PORTDATA register may not be the same as the value
driven onto the pin by the peripheral.
Note: There is a 2 cycle synchronization that is performed on pin values before registering the value.
Therefore, there must be a minimum 2 system clock cycles between the time a pin is driven, and the
time that the register read is performed.
Note: Not all Ports are available on all packages. In the case where a port, or some pins in a port are not
available on a package, the value of the corresponding bit(s) in the PORTIR register are indeterminate.
Table 34-23. PORTIR (Port A, B, C, D, F, G) Allowed Register Accesses
8-bit
16-bit
32-bit
READ
Allowed
Allowed
Not Allowed
WRITE
Not Allowed
Not Allowed
Not Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com