Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 907 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 907 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 903Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 904Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 905Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 906Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 907Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 908Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 909Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 910Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 911Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 907 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
829
34.6.1.15 TCK Pin Configuration Register
The TCK Pin Configuration Register (CONFIG_TCK) may be used to enable or disable certain
characteristics of the TCK pad.
34.6.1.16 RESET Pin Configuration Register
The RESET Pin Configuration Register (CONFIG_RESET) may be used to enable a pull-down device on
the RESET pad. Since the RESET line is ACTIVE_LOW use this feature with caution. Also note that this
configuration can be written only once between two system resets and that the configuration is reset only
with a Power on Reset. So in order to securely disable this feature it is sufficient to write a 0x0000 to this
configuration register during startup.
Offset see Table 34-11
Access: see Table 34-41
15
14
13
12
11
10
987
6543210
R
0000
00000
DDR
00
PULL
00
W
Reset
0000
0000000
01000
Figure 34-17. Pin Configuration Register (CONFIG_TCK)
Table 34-40. CONFIG_TCK Field Descriptions
Field
Description
15–7
Reserved, should be cleared.
6
DDR
Data Direction Register. This bit switches the pin between output and input.
0 Pin is an input. The TDI functionality is enabled.
1 Pin is an output. The TDI functionality is disabled and the pad is driven low.
5–4
Reserved, should be cleared.
3–2
PULL
Pull-up/Pull-down Enable Register. These bits select a pull-up or pull-down device if enabled, and is only valid
when the pin is selected as an input. Note that the Pull-down functionality is enabled at reset.
00 No Pull-up/Pull-down
01 No Pull-up/Pull-down
10 Pull-down Enabled
11 Pull-up Enabled
1–0
Reserved, should be cleared.
Table 34-41. CONFIG_TCK Allowed Register Accesses
8-bit
16-bit
32-bit
READ
Allowed
Allowed
Not Allowed
WRITE
Allowed
Allowed
Not Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com