Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 908 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 908 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 904Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 905Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 906Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 907Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 908Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 909Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 910Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 911Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 912Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 908 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
830
Freescale Semiconductor
34.6.1.17 Double Port Wide Input Registers
There are several Double Port Wide Input Registers available that can be used to read the value of 2 ports
simultaneously. Each 32-bit register is read-only and will read back the synchronized value on the
corresponding pin. The following table lists these registers.
NOTE
The reset value of this register depends on the value of the pins at the time
of the first register READ after reset.
Offset see Table 34-11
Access: see Table 34-43
15
14
13
12
11
10
987
6543210
R
0000
0000000
0
000
W
Reset
0000
0000000
00000
Figure 34-18. Pin Configuration Register (CONFIG_RESET)
Table 34-42. CONFIG_RESET Field Descriptions
Field
Description
15–4
Reserved, should be cleared.
3
PULL
Pull-down Enable Register. This bit selects a pull-down device on the RESET pad. This bit is write once. Only
a Power on Reset will reset this bit.
0
No Pull-down
1
Pull-down Enabled
2–0
Reserved, should be cleared.
Table 34-43. CONFIG_RESET Allowed Register Accesses
8-bit
16-bit
32-bit
READ
Allowed
Allowed
Not Allowed
WRITE
Allowed (once to [7:0])
Allowed (once)
Not Allowed
Table 34-44. Double Port Wide Input Registers (DPORTIR)
Address Offset
Ports
0x03e0
Port A / Port B
0x03e4
Port C / Port D
0x03e8
Port E / Port F
0x03ec
Port G / 0x0000
0x03f0
Port B / Port C
0x03f4
Port D / Port E
0x03f8
Port F / Port G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com