Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 931 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 931 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 927Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 928Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 929Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 930Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 931Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 932Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 933Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 934Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 935Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 931 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
853
2. Select the desired slew rate by setting or clearing the SLEWDIS and SLEW bits in the CONFIG2
register for Port D. The reset (default) value is fast slew rate.
Note that, when the external bus is used to boot the device (i.e.-the System is in Expanded Mode), the
CLKOUT clock output is automatically enabled. Otherwise, the CLKOUT clock output is disabled, but
may be manually enabled via the above steps.
34.8.3.2
Disabling the CLKOUT output
To disable the CLKOUT clock on pad PD2, simply configure pad PD2 to be a General Purpose Input, as
described in Section 34.8.3.3, “Using pad PD2 as a General Purpose Input.”
34.8.3.3
Using pad PD2 as a General Purpose Input
To enable pin PD2 as a General Purpose Input (and therefore disable the CLKOUT clock), do the
following:
•
Put pin PD2 into GPIO Mode (Clear the MODE bit in the CONFIG2 register for Port D)
•
Put pin PD2 into Input Mode (Clear the DDR bit in the CONFIG2 register for Port D)
Note that, when the external bus is not used to boot the device (i.e.-the System is not in Expanded Mode),
the PD2 pin is automatically configured as a General Purpose Input.
34.8.3.4
Using pad PD2 as a General Purpose Output
It is not possible to use pad PD2 as a General Purpose Output. Pad PD2 behaves virtually identically if it
is configured as a General Purpose Output or in Peripheral Mode. In Peripheral Mode, the open drain
functionality is disabled; In GPO Mode, the open drain functionality may be enabled/disabled via the
ODER bit.
34.8.4
Unbonded Pins
All port pins (Port A, B, C, D, F, G) that are not bonded out on a particular package should be placed in
GPO mode to reduce power consumption. Otherwise the floating inputs might result in unneeded current
draw.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com