Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 934 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 934 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 930Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 931Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 932Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 933Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 934Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 935Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 936Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 937Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 938Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 934 / 976 page
background image
Test Controller Introduction
MAC7200 Microcontroller Family Reference Manual, Rev. 2
856
Freescale Semiconductor
9
0
Start Flash Lockout Recovery
18:10
0
(reserved)
19
n/a
Flash Security Request (Read only)
21:20
n/a
Chip mode (Read only)
22
0
Write
Table 35-2. SC4 Test Register Field Descriptions
Field
Description
0
Core is running
When this bit is set, the core is running. When it is cleared, the core is suspended by negating the CLKEN input of
the ARM7 core. This bit may be written or read in any mode, with TEST = 0 or 1. It is used primarily in MBIST or
NVMBIST modes to prevent any possible interaction between the core and the BIST engines.
1–4
Device ID (Read only)
These four bits contain the last four digits of the device ID.
5
Reset debug logic
When this bit is set, it causes the system debug reset to be asserted. This resets the following logic:
• EICE (DBGnTRST input on the ARM7 core)
• Test Registers SC4, SC5, SC6 and SC7 and associated logic
• JTAG synchronization logic
Since setting this bit in JTAG register SC4 causes JTAG Register SC4 itself to be cleared, you must not perform any
other operations during this write. This bit may be written while RESET is asserted, but the value will not take effect
until after RESET has been negated.
Resetting of the Nexus registers is not done via this bit. In order to reset the Nexus registers, you must perform either
a Power On Reset (POR) or cycle the ARM7 TAP State Machine through the Test Reset state.
6–7
(reserved)
8
Flash Lockout Recovery is complete (Read only)
This read-only bit will be set once the JTAG Lockout Recovery sequence has completed. It does not indicate whether
the sequence was successful (this is indicated by bit 19), but is used to determine when the sequence has completed
and the status of the chip security may be read out.
After the JTAG Lockout Recovery has completed a reset must be issued to reload the security of the device from the
shadow.
9
Start Flash Lockout Recovery
Setting this bit will start the JTAG Lockout Recovery sequence. Note that it is necessary to manually clear this bit
once the sequence has started or completed.
10–18
(reserved)
19
Flash Security Request (Read only)
20–21
Chip mode (Read only)
22
Write
Table 35-1. SC4 Test Register Field Definitions (Continued)
Field
Reset
Value
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com