Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 935 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 935 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 931Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 932Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 933Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 934Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 935Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 936Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 937Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 938Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 939Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 935 / 976 page
background image
Test Controller External Pins
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
857
35.1.2
JTAG Lockout Recovery
JTAG Lockout Recovery is performed solely in hardware on the MAC72xx. Please refer to Chapter 20,
“Boot Assist Module (BAM)” for more details on JTAG Lockout Recovery.
35.2
Test Controller External Pins
35.3
Test Controller Application Usage
No further information is required to use the Test Controller.
Table 35-3. Test Controller External Pins
Signal
Description
TEST
This input only pin is reserved for test. The pin must be tied to VSS in all applications. If this pin is shorted
to a VDD supply or left open, the operation of the device will be unpredictable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com