Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 938 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 938 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 934Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 935Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 936Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 937Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 938Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 939Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 940Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 941Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 942Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 938 / 976 page
background image
ESD Protection and Latch-up Immunity
MAC7200 Microcontroller Family Reference Manual, Rev. 2
860
Freescale Semiconductor
A.3
ESD Protection and Latch-up Immunity
All ESD testing is in conformity with CDF-AEC-Q100 Stress test qualification for Automotive Grade
Integrated Circuits. During the device qualification ESD stresses were performed for the Human Body
Model (HBM), the Machine Model (MM) and the Charge Device Model (CDM).
A device is defined as a failure if after exposure to ESD pulses the device no longer meets the device
specification. Complete DC parametric and functional testing is performed per the applicable device
specification at room temperature followed by hot temperature, unless specified otherwise.
A6
Voltage difference VDDX to VDDA
Δ
VDDX
–0.1
+0.1
V
A7
Voltage difference VSSX to VSSA
Δ
VDDX
–0.1
+0.1
V
A8
VREF Differential Voltage
VRH – VRL
-0.3
5.5
V
A9
VRH to VDDA Differential Voltage
VRH – VDDA-5.5
5.5
V
A10
VRL to VSSA Differential Voltage
VRL – VSSA
-0.3
0.3
V
A11
Digital I/O Input Voltage
VIN
–0.3
+5.5
V
A12
XFC, EXTAL, XTAL inputs
VILV
–0.3
+3.6
V
A13
TEST input
VTEST
–0.3
+5.5
V
A14
Instantaneous Maximum Current2
A15
Storage Temperature Range
T
stg
–55
+150
°C
1. The device contains an internal voltage regulator to generate the logic and PLL supply from the I/O supply. The
absolute maximum ratings apply when the device is powered from an external source.
2. Input must be current limited to the value specified. To determine the value of the required current-limiting resistor,
use the larger of the calculated values using VPOSCLAMP = VDDA + 0.3V and VNEGCLAMP = –0.3 V.
Table A-3. ESD and Latch-up Test Conditions
Model
Description
Symbol
Value
Unit
Human Body
Series Resistance
R1
1500
Ohm
Storage Capacitance
C
100
pF
Number of Pulses per pin
positive
negative
——
3
3
Table A-2. Absolute Maximum Ratings (Continued)
Num
Rating
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com