Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 941 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 941 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 937Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 938Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 939Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 940Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 941Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 942Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 943Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 944Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 945Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 941 / 976 page
background image
Power Dissipation and Thermal Characteristics
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
863
A.4.2
Oscillator Pins
The pins EXTAL and XTAL are dedicated to the oscillator and operate from VDDPLL at a nominal level
of 3.3V.
A.4.3
PLL Pins
The pin XFC is dedicated to the PLL and operates at a nominal level of 3.3V.
A.5
Power Dissipation and Thermal Characteristics
Power dissipation and thermal characteristics are closely related. The user must assure that the maximum
operating junction temperature is not exceeded.
Note that the JEDEC specification reserves the symbol RθJA or θJA (Theta-JA) strictly for junction-to-
ambient thermal resistance on a 1s test board in natural convection environment. RθJMA or θJMA
(Theta-JMA) will be used for both junction-to-ambient on a 2s2p test board in natural convection and for
junction-to-ambient with forced convection on both 1s and 2s2p test boards. It is anticipated that the
generic name,
θ
JA, will continue to be commonly used.
The average chip-junction temperature (TJ) in °C is obtained from:
Eqn. A-1
D8
P
Internal Pull Up Device Current,
tested at V
IH
Min.
IPUH
15
—
—
μA
D9
P
Internal Pull Down Device Current,
tested at V
IH
Min.
IPDH
——
150
μA
D10
P
Internal Pull Down Device Current,
tested at V
IL
Max.
IPDL
15
—
—
μA
D11
D
Input Capacitance
Cin
—2
—
pF
1. Refer to Section A.6, “Power Supply” for definition of VSS5 and VDD5.
2. Maximum leakage current occurs at maximum operating temperature. Current decreases by approximately one-half for
each 8°C to 12°C in the temperature range from 50°C to 125°C.
Table A-7. Oscillator Characteristics
Num C
Rating
Symbol
Min
Typ
Max
Unit
E1
D Input Capacitance (EXTAL, XTAL pins)
CIN
——
5
pF
E2
D EXTAL Pin Input High Voltage1
1. In External Clock Model.
VIH,EXTAL
0.75 x VDDPLL
—
VDDPLL+ 0.4
V
E3
D EXTAL Pin Input Low Voltage1
VIL,EXTAL
VDDPLL - 0.4
—
0.25 x VDDPLL
V
E4
D EXTAL Pin Input Hysteresis1
VHYS,EXTAL
200
mV
Table A-6. 5V I/O Characteristics (Continued)
Conditions shown in Table A-5 unless otherwise noted
T
J
T
A
P
D
Θ
JA
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com