Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 943 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 943 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 939Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 940Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 941Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 942Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 943Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 944Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 945Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 946Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 947Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 943 / 976 page
background image
Power Dissipation and Thermal Characteristics
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
865
NOTE
The 144LQFP packages are not currently qualified; any future qualification
will be based upon customer demand and will be subject to specified
leadtimes. This package option is supported for limited samples only, and
does not include burn-in testing.
1. 100 LQFP, Case Outline: 983–02
2. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
3. Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board (JESD51-3) horizontal.
4. Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
5. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board at the center lead. For fused lead packages, the adjacent lead is used.
6. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1).
7. Thermal characterization parameter indicating the temperature difference between package top and junction temperature per
JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT.
Table A-9. Thermal Resistance for 144 lead 20x20 mm LQFP, 0.5 mm Pitch1
1. 144 LQFP, Case Outline: 918–03
Rating
Value
Unit
Junction to Ambient (Natural Convection)2, 3
2. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
3. Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board (JESD51-3) horizontal.
Single layer board (1s)
R
θJA
TBD
°C/W
Junction to Ambient (Natural Convection)2, 4
4. Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
Four layer board (2s2p)
R
θJMA
TBD
°C/W
Junction to Ambient (@ 200 ft./min.)2, 4
Single layer board (1s)
R
θJMA
TBD
°C/W
Junction to Ambient (@ 200 ft./min.)2, 4
Four layer board (2s2p)
R
θJMA
TBD
°C/W
Junction to Board5
5. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board at the center lead. For fused lead packages, the adjacent lead is used.
R
θJB
TBD
°C/W
Junction to Case6
6. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1).
R
θJC
TBD
°C/W
Junction to Package Top7
7. Thermal characterization parameter indicating the temperature difference between package top and junction temperature per
JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT.
Natural Convection
ΨJT
TBD
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com