Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 946 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 946 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 942Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 943Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 944Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 945Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 946Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 947Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 948Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 949Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 950Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 946 / 976 page
background image
Voltage Regulator Characteristics
MAC7200 Microcontroller Family Reference Manual, Rev. 2
868
Freescale Semiconductor
A.7
Voltage Regulator Characteristics
F2a
? Doze Supply Current
Single Chip
–40
° CI
DDDcore
<=75mA,
depending on
the customer
configuration
of modules in
DOZE mode
and speed of
operation.
<=100mA,
depending on
the customer
configuration
of modules in
DOZE mode
and speed of
operation.
mA
25
° CmA
85
° C1
mA
105
° C1
mA
125
° C1
mA
F2b
?
–40
° CI
DDDreg
<=70mA,
depending on
the customer
configuration
of modules in
DOZE mode
and speed of
operation.
<=95mA,
depending on
the customer
configuration
of modules in
DOZE mode
and speed of
operation.
mA
25
° CmA
85
° C1
mA
105
° C1
mA
125
° C1
mA
F2c
?
–40
° CI
DDDpins
Determined by the activity on
the bus and external pins.
Should be characterised by the
customer.
mA
25
° CmA
85
° C1
mA
105
° C1
mA
125
° C1
mA
1. 85
°C, 105°C, and 125°C refer to the "C", "V", and "M" Temperature Options, respectively.
Table A-12. VREG Operating Conditions
Num
C
Characteristic
Symbol
Min
Typical
Max
Unit
G1
D
Input Voltages
VVDDRA
4.5
5.0
5.5
V
G2
D
Output Voltage Core (1.5V)1
VDD15
1.45
1.5
1.65
V
G3
D
Output Voltage Core (3.3V)1
VDD33
3.0
3.3
3.6
V
Table A-11. Supply Current Characteristics (Continued)
Conditions shown in Table A-5, with fSYS = 70 MHz.
Num
C
Rating
Symbol
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com