Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 950 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 950 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 946Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 947Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 948Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 949Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 950Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 951Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 952Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 953Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 954Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 950 / 976 page
background image
PLL Characteristics
MAC7200 Microcontroller Family Reference Manual, Rev. 2
872
Freescale Semiconductor
Using fREF = 4 Mhz and fVCO = 64Mhz, fC must be smaller than 100 kHz. A value of fC = 20 kHz is
chosen.
SYNR is calculated to be 7.
A standard value of R=3.3k
Ω is chosen.
A value of Cδ = 8.2 nF is chosen.
A.9.2
PLL Characteristics
Table A-15. PLL Characteristics
Num C
Rating
Symbol
Min
Typ
Max
Unit
I1
D PLL reference frequency, crystal oscillator range (ALC
Mode)1
1. Min value only applies when the PLL is bypassed. When the PLL is enabled, the PLL frequency range specification is in effect.
fREF
0.5
—
20
(MAC72x2)
MHz
0.5
—
40
(MAC72x1)
I2
D PLL reference frequency (External Clock Mode)1
fREF
0.5
—
35
MHz
I3
P Self Clock Mode Frequency
fSCM
12.5
10
MHz
I4
D PLL frequency range
fPLL
30
—
70
MHz
I5
D VCO frequency range
fVCO
30
—
70
MHz
I6
D Lock Detector transition from Acquisition to Tracking mode
|Δ
trk|
3—
4
%2
2. Percentage deviation from target frequency
I7
D Lock Detection
|Δ
Lock|
0—
1.5
% 2
I8
D Un-Lock Detection
|Δ
unl|
0.5
—
2.5
% 2
I9
D Lock Detector transition from Tracking to Acquisition mode
|Δ
unt|
6—
8
% 2
I10
C Charge pump current acquisition mode
| i
ch |
—50
—
μA
I11
C Charge pump current tracking mode
| i
ch |
—5
—
μA
R
2 3.14 20 20kHz
⋅⋅
⋅
700
----------------------------------------------------
3.59k
Ω
=
=
C
S
0.516
20 10
3
⋅
() 3.3 10
3
⋅⋅
----------------------------------------------------
7.82nF
=
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com