Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 952 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 952 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 948Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 949Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 950Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 951Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 952Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 953Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 954Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 955Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 956Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 952 / 976 page
background image
General Purpose I/O (PIM) Timing
MAC7200 Microcontroller Family Reference Manual, Rev. 2
874
Freescale Semiconductor
A.10
General Purpose I/O (PIM) Timing
A.10.1
General Purpose Input (GPI)
Table A-19 lists General Purpose Input timings, which are shown in Figure A-2.
These timings are required if the GPIs are used as synchronous inputs in this case the input setup/hold must
be met with respect to the rising edge of the reference clock. The reference clock is the CLKOUT output.
For use as asynchronous inputs the setup and hold constraints don’t need to be maintained, but signals must
be held for a minimum of two system clock cycles.
Figure A-2. General Purpose Input Timing Specifications
A.10.2
General Purpose Output (GPO)
Table A-20 lists General Purpose Output timings, which are shown in Figure A-3.
NOTE
All GPO timings are synchronous; the output delay is specified with respect
to the CLKOUT output.
All other timing relationships can be derived from these values.
Table A-19. General Purpose Input Timing Specifications
Num
C
Rating1
1. Timing specifications have been indicated taking into account the full slew rate for the pads.
Symbol
Min
Typ
Max
Unit
M1
D CLKOUT
tCYC
28
—
2000
ns
Data Inputs
M2
D General Purpose Input valid to CLKOUT high (Setup time)
tPVCH
12
—
—
ns
M3
D CLKOUT high to General Purpose Input invalid (Hold time)
tCHPI
2—
—
ns
Table A-20. General Purpose Output Timing Specifications
Num
C
Rating1
Symbol
Min
Typ
Max
Unit
N1
D CLKOUT
tCYC
28
—
2000
ns
Data Inputs
CLKOUT
Inputs
M2
M3
2.5V
2.5V
2.5V
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com