Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 956 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 956 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 952Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 953Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 954Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 955Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 956Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 957Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 958Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 959Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 960Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 956 / 976 page
background image
DSPI Timing
MAC7200 Microcontroller Family Reference Manual, Rev. 2
878
Freescale Semiconductor
Figure A-6. SPI Master Timing (CPHA = 0)
S2
D Enable Lead Time
tLEAD
0.5
—
—
tSCK
2
S3
D Enable Lag Time
tLAG
0.5
—
—
tSCK
2
S4
D Clock (SCK) Duty Cycle
tDUTY
40
—
60
%
S5
D Data Setup Time (Inputs)
tsu
18
—
—
ns
S6
D Data Hold Time (Inputs)
thi
-6
—
—
ns
S7
D Data Valid (after Enable Edge)
tv
——
6
ns
S8
D Data Valid (after ChipSelect Edge)
tv
——
6
ns
S9
D Data Hold Time (Outputs)
tho
-3
—
—
ns
1. Refer to Chapter 30, “Deserial Serial Peripheral Interface (DSPI)” for all available baud rates.
2. See parameter S1b.
Table A-25. SPI Master Mode Timing Characteristics (Continued)
Conditions are shown in Table A-5 unless otherwise noted, CLOAD = 30 pF on all outputs
MSB Out(2)
MSB In(2)
PCSx
SCK
(CPOL = 0)
(OUTPUT)
SCK
(CPOL = 1)
(OUTPUT)
(OUTPUT)
Bit 6
… 1
SIN
(INPUT)
SOUT
(OUTPUT)
LSB Out
LSB In
Bit 6
… 1
S2
S1b
S3
S4
S4
S5
S6
S8
S7
S9
1 If configured as output.
2 LSBFE = 0. For LSBFE = 1, bit order is LSB, bit 1,
… bit 6, MSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com