Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 960 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 960 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 956Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 957Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 958Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 959Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 960Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 961Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 962Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 963Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 964Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 960 / 976 page
background image
External Bus (FlexBus) Timing Specifications
MAC7200 Microcontroller Family Reference Manual, Rev. 2
882
Freescale Semiconductor
A.15.2
FlexBus Outputs
Table A-28 lists external bus output timings. Read/write bus timings listed in Table A-28 are shown in
Figure A-11 and Figure A-12.
Table A-28. External Bus Output Timing Specifications
Num
C
Rating
Symbol
Min
Max
Unit
Control Outputs
U6a
D CLKOUT high to chip selects valid 1
1. CSn transitions after the falling edge of CLKOUT.
tCHCV
—8
ns
U6b
D CLKOUT high to byte select (BS[1:0]) valid2
2. BSn transitions after the falling edge of CLKOUT.
tCHBV
—8
ns
U6c
D CLKOUT high to output select (OE) valid3
3. OE transitions after the falling edge of CLKOUT.
tCHOV
—8
ns
U6d
D CLKOUT high to output select (TBST) valid4
4. TBST transitions after the falling edge of CLKOUT.
tCHOV
—8
ns
U7a
D CLKOUT high to control output (BS[1:0], OE) invalid
tCHCOI
0—
ns
U7b
D CLKOUT high to chip selects invalid
tCHCI
0—
ns
Address and Attribute Outputs
U8
D CLKOUT high to address (ADDR[21:0]) and control
(R/W) valid
tCHAV
—8
ns
U9
D CLKOUT high to address (ADDR[21:0]) and control
(R/W) invalid
tCHAI
0—
ns
Data Outputs
U10
D CLKOUT high to data output (DATA[15:0]) valid
tCHDOV
—8
ns
U11
D CLKOUT high to data output (DATA[15:0]) invalid
tCHDOI
0—
ns
U12
D CLKOUT high to data output (DATA[15:0]) high
impedance
tCHDOZ
—9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com