Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 962 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 962 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 958Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 959Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 960Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 961Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 962Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 963Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 964Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 965Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 966Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 962 / 976 page
background image
Analog-to-Digital Converter Characteristics
MAC7200 Microcontroller Family Reference Manual, Rev. 2
884
Freescale Semiconductor
Figure A-12. Read Bus Cycle Terminated by TA
A.16
Analog-to-Digital Converter Characteristics
Table A-29 shows conditions under which the ATD operates. The following constraints exist to obtain
full-scale, full range results: VSSA ≤ VRL ≤ VIN ≤ VRH ≤ VDDA. This constraint exists because the sample
buffer amplifier cannot drive beyond the ATD power supply levels. If the input level VIN goes outside of
this range it will effectively be clipped.
Table A-29. ATD Electrical Characteristics (Operating)1
Num
C
Rating
Symbol
Min
Typ
Max
Unit
V1
D Analog Reference Low Voltage
VRL
VSSA - 0.1
—
VSSA + 0.1
V
V2
D VRH Differential Voltage
VRL - VSSA-100
—
100
mV
V3
D Analog Reference High Voltage
VRH
VDDA - 0.1
—
VDDA + 0.1
V
V4
D VREF Differential Voltage
VRH – VRL
4.5
—
5.25
V
V5
D Analog Input Voltage
VIN
VSSA - 0.3
—
VDDA + 0.3
V
CLKOUT
CSn
ADDR[21:0]
OE
R/W
BS[1:0]
S0
S2
S1
S3
S4
S5
S0
DATA[15:0]
TA
S1
U6a
U7b
U7a
U7a
U8
U9
U6c
U6b
U4
U5
U2a
U3a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com