Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 959 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 959 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 955Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 956Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 957Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 958Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 959Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 960Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 961Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 962Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 963Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 959 / 976 page
background image
External Bus (FlexBus) Timing Specifications
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
881
A.15
External Bus (FlexBus) Timing Specifications
A multi-function external bus interface called FlexBus is provided on the MAC72xx with basic
functionality to interface to slave-only devices up to a maximum bus frequency of 35 MHz. It can be
directly connected to asynchronous or synchronous devices such as external boot ROMs, flash memories,
gate-array logic, or other simple target (slave) devices with little or no additional circuitry. For
asynchronous devices, a simple chip-select based interface can be used. The FlexBus interface has three
general purpose chip-selects (CS[2:0]). Chip-select CS0 can be dedicated to boot ROM access and can be
programmed to be byte (8 bits) or half-word (16 bits) wide. Control signal timing is compatible with
common ROM / flash memories.
A.15.1
FlexBus Inputs
Table A-27 lists external bus input timings, which are shown in Figure A-10, Figure A-11 and
Figure A-12.
NOTE
All external bus timings are synchronous; that is, input setup/hold and
output delay with respect to the rising edge of a reference clock. The
reference clock is the CLKOUT output. It has the same duty cycle as the
Peripheral Bus Clock.
All other timing relationships can be derived from these values.
Figure A-10. External Bus Input Timing Specifications
Table A-27. External Bus Input Timing Specifications
Num
C
Rating1
1. Timing specifications have been indicated taking into account the full slew rate for the pads.
Symbol
Min
Typ
Max
Unit
U1
D CLKOUT
tCYC
28
—
4000
ns
Control Inputs
U2a
D Control input valid to CLKOUT high2
2. The TA pin is the only control input on MAC7200 family devices.
tCVCH
13
—
—
ns
U3a
D CLKOUT high to control inputs invalid 2
tCHCII
0—
—
ns
Data Inputs
U4
D Data input (DATA[15:0]) valid to CLKOUT high
tDIVCH
10
—
—
ns
U5
D CLKOUT high to data input (DATA[15:0]) invalid
tCHDII
0—
—
ns
CLKOUT
DATA[n:0]
U4
U5
2.5V
2.5V
2.5V
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com