Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 955 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 955 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 951Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 952Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 953Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 954Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 955Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 956Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 957Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 958Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 959Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 955 / 976 page
background image
DSPI Timing
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
877
Figure A-5. JTAG Port Timing Specifications
A.14
DSPI Timing
A.14.1
Master Mode
Master mode timing values are shown in Table A-25 and illustrated in Figure A-6 and Figure A-7.
R3
D TCK Clock Pulse Width
tJCW
2—
—
tSYS
3
R4
D TMS, TDI Input Data Setup Time to TCK Rise
tTAPBST
1—
—
tSYS
3
R5
D TMS, TDI Input Data Hold Time after TCK Rise
tTAPBHT
1—
—
tSYS
3
R6
D TCK Fall to TDO Data Valid
tTDODV
——
1
tSYS
3
R7
D TCK Fall to TDO Data Invalid
tTDODI
1—
—
tSYS
3
1. Timing specifications have been indicated taking into account the full slew rate for the pads.
2. See parameter C7.
3. tSYS = 1/fSYS. See parameter C7.
Table A-25. SPI Master Mode Timing Characteristics
Conditions are shown in Table A-5 unless otherwise noted, CLOAD = 30 pF on all outputs
Num C
Rating
Symbol
Min
Typ
Max
Unit
S1a
D Operating Frequency (baud rate)
fOP
1
——
18
MHz
S1b
D SCK Period
tSCK
tSCK = 1 / fOP
Table A-24. JTAG Port Timing (Continued)
Num
C
Rating1
Symbol
Min
Typ
Max
Unit
TCK
TMS,TDI
R4
R5
TCK
TDO
Output Data Valid
R6
TDO
Output Data Invalid
R7
2.5V
2.5V
2.5V
2.5V
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com