Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 954 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 954 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 950Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 951Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 952Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 953Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 954Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 955Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 956Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 957Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 958Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 954 / 976 page
background image
External Interrupt Inputs (IRQ/XIRQ)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
876
Freescale Semiconductor
Figure A-4. Nexus Output Timing Specifications
A.12
External Interrupt Inputs (IRQ/XIRQ)
Note that both the IRQ and XIRQ inputs are synchronized internally, so no setup or hold timings are
required. Consequently, the input signal must be held long enough to be synchronized.
A.13
JTAG Port Timing
Table A-24 lists JTAG Port timings, which are shown in Figure A-5.
NOTE
All JTAG input and output timings are synchronous; that is, input setup/hold
and output delay with respect to the rising edge of a reference clock. The
reference clock is the TCK input.
All other timing relationships can be derived from these values.
Table A-22. Nexus Output Timing Specifications
Num
C
Rating1
1. Timing specifications have been indicated taking into account the full slew rate for the pads and 30 pF output load.
Symbol
Min
Typ
Max
Unit
P1
D MCKO
tCYC
25
—
—
ns
Data Outputs
P2
D MCKO low to Nexus Output valid
tCLPOV
——
3.5
ns
P3
D MCKO low to Nexus Output invalid
tCLPOI
–5.5
—
—
ns
Table A-23. External Interrupt Characteristics
Num C
Rating
Symbol
Min
Typ
Max
Unit
Q1
D Interrupt pulse width, IRQ edge-sensitive mode
PWIRQ
4—
—
tSYS
1
1. tSYS = 1/fSYS. See parameter C7.
Table A-24. JTAG Port Timing
Num
C
Rating1
Symbol
Min
Typ
Max
Unit
R1
D TCK Frequency of Operation
fJCYC
DC
—
fSYS / 8
MHz2
R2
D TCK Cycle Period
tJCYC
8—
—
tSYS
3
MCKO
Outputs
P2
P3
2.5V
2.5V
2.5V
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com