Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 953 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 953 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 949Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 950Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 951Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 952Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 953Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 954Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 955Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 956Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 957Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 953 / 976 page
background image
Nexus Timing Specifications
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
875
Figure A-3. General Purpose Output Timing Specifications
A.11
Nexus Timing Specifications
A.11.1
Nexus Inputs
Note that both the sole Nexus input, EVTI, is synchronized internally, so no setup or hold timings is
required. Consequently, the EVTI signal must be held for a minimum of two system clock cycles.
A.11.2
Nexus Outputs
Table A-22 lists Nexus Output timings, which are shown in Figure A-4.
NOTE
All Nexus output timings are synchronous; that is, input setup/hold and
output delay with respect to the falling edge of a reference clock. The
reference clock is the MCKO output. The RDY signal can be asserted while
MCKO is inactive.
All other timing relationships can be derived from these values.
N2
D CLKOUT high to General Purpose Output valid
tCHPOV
—
—
11
ns
N3
D CLKOUT high to General Purpose Output invalid
tCHPOI
–2.0
—
—
ns
1. Timing specifications apply to the “full slew rate” configuration for the pads.
Table A-21. Nexus Input Timing Specifications
Num
C
Rating
Symbol
Min
Typ
Max
Unit
O1
D EVTI pulse width
tCYC
2—
—
tSYS
1
1. tSYS = 1/fSYS. See parameter C7.
Table A-20. General Purpose Output Timing Specifications (Continued)
Num
C
Rating1
Symbol
Min
Typ
Max
Unit
CLKOUT
Outputs
N2
N3
2.5V
2.5V
2.5V
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com