Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 949 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 949 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 945Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 946Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 947Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 948Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 949Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 950Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 951Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 952Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 953Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 949 / 976 page
background image
PLL Characteristics
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
871
A.9
PLL Characteristics
A.9.1
PLL Filter Characteristics
The oscillator provides the reference clock for the PLL. The voltage controlled oscillator (VCO) of the
PLL is also the system clock source in self clock mode. In order to operate reliably, care must be taken to
select proper values for external loop filter components.
Figure A-1. Basic PLL Functional Diagram
The procedure described below can be used to calculate the resistance and capacitance values using typical
values for KV (VCO Gain) and ich from Table A-15.
The phase detector relationship is given by:
Eqn. A-8
ich is the current in tracking mode. The loop bandwidth fC should be chosen to fulfill the Gardner’s stability
criteria by at least a factor of 10, a typical value for the stability factor is 50.
ζ = 0.9 ensures a good transient
response.
Eqn. A-9
And finally the frequency relationship is defined as
Eqn. A-10
With the above inputs the resistance can be calculated as:
Eqn. A-11
The capacitance CS can now be calculated as:
Eqn. A-12
The capacitance CP should be chosen in the range of:
Eqn. A-13
The stabilization delays shown in Table A-15 are dependent on PLL operational settings and external
component selection (for example, the crystal and XFC filter).
Example A-1. PLL calculations
KΦ
i
ch
–
K
V
⋅
=
fC
2
ζ f
REF
⋅⋅
πζ
1
ζ
2
+
+
()
⋅
-----------------------------------------
1
10
------
fC
fREF
410
⋅
--------------
ζ
0.9
=
()
;
<
→
<
n
fVCO
fREF
------------2
SYNR
1
+
()
⋅
==
R
2
π n f
C
⋅⋅⋅
KΦ
----------------------------
=
C
S
2
ζ
2
⋅
π f
C
R
⋅⋅
---------------------
0.516
f
C
R
⋅
--------------
ζ
0.9
=
()
;
≈
=
C
S
20
÷
C
P
C
S
10
÷
≤≤
K
V
140
MHz
V
-------------
–
=
KΦ
510
6
–
⋅
–
140
MHz
V
-------------
–
⎝⎠
⎛⎞
⋅
700
Hz
V
-------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com