Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 947 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 947 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 943Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 944Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 945Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 946Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 947Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 948Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 949Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 950Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 951Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 947 / 976 page
background image
Oscillator Characteristics
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
869
A.7.1
Output Loads
The on-chip voltage regulator is intended to supply the internal logic and oscillator circuits. No external
DC load is allowed. Capacitive loads are specified in Table A-13. Capacitors with X7R dielectricum are
required.
A.8
Oscillator Characteristics
The MAC7200 family features an internal automatic level control (ALC) oscillator with an External Clock
Mode. The selection of ALC Mode or External Clock Mode on the oscillator depends on the level of the
G4
D
Output Voltage PLL
VDDPLL
3.0
3.3
3.6
V
G5
C
Low Voltage Reset 1.5V2
Assert Level
De-assert Level
VLVR1V5A
VLVR1V5D
1.35
1.35
—
—
—
—
V
G6
C
Low Voltage Reset 3.3V3
Assert Level
De-assert Level
VLVR3V3A
VLVR3V3D
3.0
3.0
—
—
—
—
V
G7
C
Low Voltage Reset PLL4
Assert Level
De-assert Level
VLVRPLLA
VLVRPLLD
3.0
3.0
—
—
—
—
V
G8
C
Power On Reset
Assert Level
De-assert Level
VPORA
VPORD
0.5
0.5
—
—
0.9
0.9
V
V
G9
C
Power On Reset 5V
Assert Level
De-assert Level
VPOR5VA
VPOR5VD
2.2
2.2
—
—
4.0
4.0
V
V
1. 220 nF to 470 nF bypass capacitors should be used on 1.5V and 3.3V outputs.
2. Monitors VDD15
3. Monitors VDD33
4. Monitors VDDPLL
Table A-13. VREG Recommended Load Capacitances
Rating
Symbol
Min
Typ
Max
Unit
Load Capacitance on each VDD1.5 pins
1
1. Refer to the package information for the specific number of VDD1.5 pins on various packages.
CLVDD15
220
—
660
nF
Load Capacitance on each VDD3.3 pins
2
2. Refer to the package information for the specific number of VDD3.3 pins on various packages.
CLVDD33
220
470
660
nF
Load Capacitance on VDDPLL pin
CLVDDPLL
220
470
660
nF
Load Capacitance on VDD5 pin
CLVDD5
220
470
660
nF
Ramp rate for the supply voltage VDD5Trise
2.5
—
100
V/ms
Table A-12. VREG Operating Conditions (Continued)
Num
C
Characteristic
Symbol
Min
Typical
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com