Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 944 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 944 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 940Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 941Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 942Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 943Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 944Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 945Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 946Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 947Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 948Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 944 / 976 page
background image
Power Supply
MAC7200 Microcontroller Family Reference Manual, Rev. 2
866
Freescale Semiconductor
A.6
Power Supply
The MAC7200 family utilizes several pins to supply power to the oscillator, PLL, digital core, I/O ports
and ATD. In the context of this section, the following conventions apply:
•VDD5 is used for VDDA, VDDR or VDDX; VSS5 is used for VSSA, VSSR or VSSX unless otherwise
noted. IDD5 denotes the sum of the currents flowing into the VDDA, VDDX, and VDDR.
•VDD33 is used for VDD3.3, and VDDPLL, VSS3 is used for VSS3.3 and VSSPLL. IDD33 is used for
the sum of the currents flowing into VDD3.3 and VDDPLL.
•VDD is used for VDD1.5, VSS is used for VSS1.5. IDD is used for the current flowing into VDD1.5.
A.6.1
Current Injection
The power supply must maintain regulation within the VDD5, VDD33 or VDD operating range during
instantaneous and operating maximum current conditions. If positive injection current (Vin > VDD5) is
greater than IDD5, the injection current may flow out of VDD5 and could result in the external power supply
going out of regulation. It is important to ensure that the external VDD5 load will shunt current greater than
the maximum injection current. The greatest risk will be when the MCU is consuming very little power
(for example, if no system clock is present, or if the clock rate is very low).
A.6.2
Power Supply Pins
The device has the following power supply pins.
•
The VDDR – VSSR pair supplies the internal voltage regulator.
•
The VDDA – VSSA pair supplies the ATD converter and the reference circuit of the internal voltage
regulator.
•
The VDDX – VSSX pairs supply the I/O pins. The following VDDX and VSSX pins are internally
connected by metal
—VDDX3, VDDX5, VDDX8, VDDX9
—VDDX1, VDDX2, VDDX4, VDDX6, VDDX7, VDDX10, VDDX11
—VSSX3, VSSX5, VSSX8, VSSX9
—VSSX1, VSSX2, VSSX4, VSSX6, VSSX7, VSSX10, VSSX11
•
The VDDPLL – VSSPLL pair supplies the oscillator and PLL.
•
The VDD3.3 – VSS3.3 pair supplies the pre-drivers for the I/O pins and the on-chip Flash.
•
The VDD1.5 – VSS1.5 pairs supply the core logic. All VDD1.5 pins are internally connected by
metal. All VSS1.5 pins are internally connected by metal.
VDDA, VDDX and VDDR as well as VSSA, VSSX and VSSR are connected by ESD protection diodes.
Table A-10. Power Dissipation 1/8 Simulation Model Packaging Parameters
Component
Conductivity
Mold Compound
0.96 W/m K
Die Attach
1.5 W/m K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com