Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 942 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 942 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 938Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 939Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 940Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 941Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 942Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 943Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 944Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 945Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 946Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 942 / 976 page
background image
Power Dissipation and Thermal Characteristics
MAC7200 Microcontroller Family Reference Manual, Rev. 2
864
Freescale Semiconductor
The total power dissipation is calculated from:
Eqn. A-2
Two cases must be considered for PINT:
1. Internal Voltage Regulator enabled:
Eqn. A-3
2. Internal voltage regulator disabled (VDDR = VSSR = system ground):
Eqn. A-4
PIO is the sum of all output currents on I/O ports associated with VDDX and VDDR.:
Eqn. A-5
where
Eqn. A-6
or
Eqn. A-7
IDDR is the current shown in Table A-11 and not the overall current flowing into VDDR, which
additionally contains the current flowing into the external loads with output high.
A.5.1
Thermal Resistance Simulation Details
Table A-8. Thermal Resistance for 100 lead 14x14 mm LQFP, 0.5 mm Pitch1
Rating
Value
Unit
Junction to Ambient (Natural Convection)2, 3
Single layer board (1s)
R
θJA
55
°C/W
Junction to Ambient (Natural Convection)2, 4
Four layer board (2s2p)
R
θJMA
42
°C/W
Junction to Ambient (@ 200 ft./min.)2, 4
Single layer board (1s)
R
θJMA
45
°C/W
Junction to Ambient (@ 200 ft./min.)2, 4
Four layer board (2s2p)
R
θJMA
36
°C/W
Junction to Board5
R
θJB
28
°C/W
Junction to Case6
R
θJC
11
°C/W
Junction to Package Top7
Natural Convection
ΨJT
2°C/W
T
J
Junction Temperature (
°C)
=
T
A
Ambient Temperature (
°C)
=
P
D
Total Chip Power Dissipation (W)
=
Θ
JA
Package Thermal Resistance (
°C/W)
=
P
D
P
INT
P
IO
+
=
P
INT
Chip Internal Power Dissipation (W)
=
P
IO
Input / Output Power Dissipation (W)
=
P
INT
I
DDRVDDR
×
()
I
DDAVDDA
×
()
+
=
P
INT
I
DD1.5
V
DD1.5
×
()
I
DD3.3
V
DD3.3
×
()
I
DDPLL
V
DDPLL
×
()
I
DDAVDDA
×
()
++
+
=
P
IO
R
DSON
i
∑
I
IO
i
()2
⋅
=
R
DSON
V
OL
I
OL
---------- (for outputs driven low)
=
R
DSON
V
DDXVOH
–
I
OL
-------------------------------- (for outputs driven high)
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com