Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 940 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 940 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 936Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 937Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 938Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 939Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 940Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 941Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 942Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 943Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 944Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 940 / 976 page
background image
Operating Conditions
MAC7200 Microcontroller Family Reference Manual, Rev. 2
862
Freescale Semiconductor
A.4.1
Input/Output Pins
The I/O pins operate at a nominal level of 5V. This class of pins is comprised of the clocks, RESET, TEST,
JTAG interface, and general purpose/peripheral pins (i.e.-Port A-G). The internal structure of these pins is
identical; however, some functionality may be disabled (for example, on all ATD analog inputs on Port E,
the output drivers are permanently disabled).
This section describes the characteristics of all I/O pins under 5V operating conditions. All parameters are
not always applicable; for example, not all pins feature pull up/down resistances.
C7
D System Clock Frequency
fSYS
0.5
—
70
MHz
C8
D Peripheral Bus Frequency
fPERIPH
0.25
—
35
MHz
C9a
D
MAC72xxC
Operating Junction Temperature Range2
T
J
–40
—
110
°C
C9b
D
Operating Ambient Temperature Range 2
T
A
–40
25
85
°C
C10a D
MAC72xxV
Operating Junction Temperature Range 2
T
J
–40
—
130
°C
C10b D
Operating Ambient Temperature Range 2
T
A
–40
25
105
°C
C11a D
MAC72xxM
Operating Junction Temperature Range 2
T
J
–40
—
150
°C
C11b D
Operating Ambient Temperature Range 2
T
A
–40
25
125
°C
1. The device contains an internal voltage regulator to generate the logic and PLL supply from the I/O supply. The absolute
maximum ratings apply when this regulator is disabled and the device is powered from an external source.
2. Please refer to Section A.5, “Power Dissipation and Thermal Characteristics” for more details about the relation between
ambient temperature TA and device junction temperature TJ.
Table A-6. 5V I/O Characteristics
Conditions shown in Table A-5 unless otherwise noted
Num
C
Rating
Symbol
Min
Typ
Max
Unit
D1
P
Input High Voltage
V
IH
0.65
×
VDD5
1
—VDD5+
0.3
V
D2
P
Input Low Voltage
V
IL
VSS5 –
0.3
—0.35
×
VDD5
V
D3
D
Input Hysteresis
V
HYS
No Hysteresis
V
D4
P
Input Leakage Current (pins in high impedance input mode)2
V
in
= V
DD
5 or V
SS
5
I
in
–2.5
—
2.5
μA
D5
P
Output High Voltage (pins in output mode)
Drive IOH = –2mA
V
OH
0.8
×
VDD5
——
V
D6
P
Output Low Voltage (pins in output mode)
Drive IOL = +2mA
V
OL
——
0.2
×
VDD5
V
D7
P
Internal Pull Up Device Current,
tested at V
IL
Max.
IPUL
—
—
150
μA
Table A-5. MAC7200 Family Device Operating Conditions (Continued)
Num
C
Rating
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com