| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 937 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 937 Page - Freescale Semiconductor, Inc |
|
937 / 976 page ![]() MAC7200 Microcontroller Family Reference Manual, Rev. 2 Freescale Semiconductor 859 Appendix A Electrical Characteristics This section contains electrical information for MAC7200 family microcontrollers. The information is preliminary and subject to change without notice. A.1 Parameter Classification The electrical parameters shown in this appendix are derived by various methods. To provide a better understanding to the designer, the following classification is used. Parameters are tagged accordingly in the column labeled “C” of the parametric tables, as appropriate. A.2 Absolute Maximum Ratings Absolute maximum ratings are stress ratings only. Functional operation outside these maximums is not guaranteed. Stress beyond these limits may affect reliability or cause permanent damage to the device. MAC7200 family devices contain circuitry protecting against damage due to high static voltage or electrical fields; however, it is advised that normal precautions be taken to avoid application of any voltages higher than maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate logic voltage level (for example, either VSS5 or VDD5). Table A-1. Parametric Value Classification P Parameters guaranteed during production testing on each individual device. C Parameters derived by the design characterization and by measuring a statistically relevant sample size across process variations. T Parameters derived by design characterization on a small sample size from typical devices under typical conditions (unless otherwise noted). All values shown in the typical column are within this classification, even if not so tagged. D Parameters derived mainly from simulations. Table A-2. Absolute Maximum Ratings Num Rating Symbol Min Max Unit A1 I/O, Regulator and Analog Supply Voltage VDD5–0.3 +5.5 V A2 Digital Logic Supply Voltage1 VDD1.5 –0.3 +1.65 V A3 PLL Supply Voltage 1 VDDPLL –0.3 +3.6 V A4 Analog Supply Voltage (reference to VSSA) VDDA–0.3 +5.5 V A5 Analog Reference High Voltage (reference to VRL)VRH –0.3 +5.5 V |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |