Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 933 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 933 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 929Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 930Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 931Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 932Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 933Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 934Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 935Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 936Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 937Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 933 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
855
Chapter 35
Test Controller (PTI)
35.1
Test Controller Introduction
The MAC72xx Test Controller (PTI) performs the following tasks:
•
Implementation of JTAG Test Register 4
•
Control of Lockout Recovery sequence
35.1.1
JTAG Test Register (SC4)
The SC4 Test Register is directly accessible from the JTAG interface, and includes the following
functionality:
•
JTAG Lockout Recovery
•
Device ID
•
Debug Reset
•
Chip Status
•
Core Run Control
•
This register is customer visible
The SC4 Test Register can be accessed as follows:
Perform a JTAG SCAN_N instruction with the following values:
—ID Number = 4
— Register Length = 23 bits
— For writes to SC4, the WRITE bit (bit 22) must be set.
— For reads from SC4, the WRITE bit (bit 22) must be cleared.
The SC4 Test Register contains the following bits:
Table 35-1. SC4 Test Register Field Definitions
Field
Reset
Value
Function
0
1
Core is running
4:1
n/a
Device ID (Read only)
5
0
Reset debug logic
7:6
0
(reserved)
8
n/a
Flash Lockout Recovery is complete (Read only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com