Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 939 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 939 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 935Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 936Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 937Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 938Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 939Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 940Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 941Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 942Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 943Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 939 / 976 page
background image
Operating Conditions
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
861
A.4
Operating Conditions
Unless otherwise noted, the following conditions apply to all parametric data. Refer to the temperature
rating of the device (C, V, M) with respect to ambient temperature (TA) and junction temperature (TJ). For
power dissipation calculations refer to Section A.5, “Power Dissipation and Thermal Characteristics”
Latch-up
Minimum input voltage limit
–2.5
V
Minimum current limit
Inom+100
or
1.5 x Inom
1
mA
Maximum input voltage limit
7.5
V
Maximum current limit
-100
or
-0.5 x Inom
1
mA
1. Whichever value is the greater. Inom is the nominal value of current.
Table A-4. ESD and Latch-Up Protection Characteristics
Num
C
Rating
Symbol
Min
Typ
Max
Unit
B1
C Human Body Model (HBM)
VHBM
2000
—
—
V
B2
C Charge Device Model (CDM)
VCDM
500
(all pins)
——
V
750
(corner pins)
B3
C Latch-up Current at TA = 125°C
positive
negative
ILAT
Inom + 10 mA
or
1.4 x Inom
1
1. Whichever value is the greater. Inom is the nominal value of current.
——
mA
Table A-5. MAC7200 Family Device Operating Conditions
Num
C
Rating
Symbol
Min
Typ
Max
Unit
C1
D I/O, Regulator and Analog Supply Voltage
VDD5
4.5
5.0
5.5
V
C2
D Digital Logic Supply Voltage1
VDD15
1.45
1.5
1.65
V
C3
D PLL Supply Voltage 1
VDDPLL
3.0
3.3
3.6
V
C4
D Voltage Difference VDDX to VDDA
Δ
VDDX
–0.1
0
0.1
V
C5
D Voltage Difference VSSX to VSSA
Δ
VSSX
–0.1
0
0.1
V
C6a
C Oscillator Frequency (ALC Mode)
fOSC
4.0
—
20 (MAC72x2)
40 (MAC72x1)
MHz
C6b
C Oscillator Frequency (External Clock Mode)
fOSC
0.5
—
70
MHz
Table A-3. ESD and Latch-up Test Conditions (Continued)
Model
Description
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com