Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 945 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 945 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 941Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 942Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 943Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 944Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 945Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 946Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 947Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 948Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 949Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 945 / 976 page
background image
Power Supply
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
867
A.6.3
Supply Current Characteristics
Table A-11 lists the supply current characteristics for MAC72xx devices operating at 70 MHz.
All current measurements are without output loads. Unless otherwise noted the currents are measured in
single chip mode, internal voltage regulator enabled and at 70MHz bus frequency. Production testing
isperformed using a square wave signal at the EXTAL input.
In expanded modes, the currents flowing in the system are highly dependent on the load at the address,
data and control signals as well as on the duty cycle of those signals. No generally applicable numbers can
be given. A good estimate is to take the single chip currents and add the currents due to the external loads.
Table A-11. Supply Current Characteristics
Conditions shown in Table A-5, with fSYS = 70 MHz.
Num
C
Rating
Symbol
Typ
Max
Unit
F1a
C Run Supply Current
Single Chip
–40
° CI
DDRcore
75
100
mA
25
° C75
100
mA
85
° C1
75
100
mA
105
° C1
75
100
mA
125
° C1
75
100
mA
F1b
P
–40
° CI
DDRreg
70
95
mA
25
° C70
95
mA
85
° C1
70
95
mA
105
° C1
70
95
mA
125
° C1
70
95
mA
F1c
C
–40
° CI
DDRpins
Determined by the activity on
the bus and external pins.
Should be characterised by the
customer.
mA
25
° CmA
85
° C1
mA
105
° C1
mA
125
° C1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com