Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 948 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 948 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 944Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 945Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 946Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 947Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 948Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 949Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 950Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 951Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 952Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 948 / 976 page
background image
Oscillator Characteristics
MAC7200 Microcontroller Family Reference Manual, Rev. 2
870
Freescale Semiconductor
XCLKS signal at the rising edge of the RESET signal. Before asserting the oscillator to the internal system
clock distribution subsystem, the quality of the oscillator output clock is checked for each start from either
power on reset (POR) or reset after a Clock Monitor Failure. tCQOUT specifies the maximum time before
switching to the internal self clock mode after POR if a proper oscillator clock output is not detected. The
quality check also determines the minimum oscillator start-up time tUPOSC. The device also features a
Crystal Monitor. A Crystal Monitor Failure is asserted if the frequency of the incoming clock signal is
below the Crystal Monitor Assert Frequency fCMFA.
NOTE
The use of overtone resonators (Ceramic or Crystal) is not recommended.
NOTE
The oscillators on the MAC71xx and MAC72xx are different designs. You
should characterize your oscillator design if you switch between the two
devices.
Table A-14. Oscillator Characteristics
Num
C
Rating
Symbol
Min
Typ
Max
Unit
H1a
C
Crystal oscillator frequency (ALC Mode)1
1. XCLKS negated (1) during reset
fOSC
2
2. If CLKSEL[PLLSEL] is clear then the system clock (fSYS) is equal to fOSC, otherwise it is equal to fVCO. Throughout this
document, tSYS is used to specify a unit of time equal to 1 / fSYS.
4.0
—
20 (MAC72x2)
40 (MAC72x1)
MHz
H1b
C
External Clock Frequency (Oscillator bypassed)3
3. XCLKS asserted (0) during reset
fOSC
0.5
—
70
MHz
H2
C
Crystal oscillator reference duty cycle
tDUTY
40
—
60
%
H3
C
Startup Current
IOSC
1.2
—
—
mA
H4
D
Supply Voltage
VDDPLL
3.0
3.3
3.6
V
H5
D
Supply Current
IOSC
——
3
mA
H6
C
Oscillator start-up time (ALC Mode)
tUPOSC
—5(4)
4. fosc = 8 MHz, CLOAD = 16.5 pF, CEXTAL = 33 pF, CXTAL = 33pF.
10(5)
5. Maximum value is for extreme cases using high Q, low frequency crystals
ms
H7
D
Clock Quality check time-out
tCQOUT
0.45
—
2.5
s
H8
D
Clock Monitor Failure Assert Frequency
fCMFA
100
200
400
KHz
H9
D
External Clock Duty Cycle
—
40/60
—
H10
D
External Clock rise time
tEXTR
——
1
ns
H11
D
External Clock fall time
tEXTF
——
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com