Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 117 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 117 Page - Intel Corporation

Back Button 915GL Datasheet HTML 113Page - Intel Corporation 915GL Datasheet HTML 114Page - Intel Corporation 915GL Datasheet HTML 115Page - Intel Corporation 915GL Datasheet HTML 116Page - Intel Corporation 915GL Datasheet HTML 117Page - Intel Corporation 915GL Datasheet HTML 118Page - Intel Corporation 915GL Datasheet HTML 119Page - Intel Corporation 915GL Datasheet HTML 120Page - Intel Corporation 915GL Datasheet HTML 121Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 426 page
background image
DMIBAR Registers—Direct Media Interface (DMI) RCRB
R
Datasheet
117
7.1.3
DMIPVCCAP2—DMI Port VC Capability Register 2
MMIO Range:
DMIBAR
Address Offset:
008h
Default Value:
00000001h
Access:
RO
Size:
32 bits
This register describes the configuration of Virtual Channels associated with this port.
Bit
Access &
Default
Description
31:24
RO
00h
VC Arbitration Table Offset (ATO): This field indicates that no table is present
for VC arbitration since it is fixed.
23:8
Reserved
7:0
RO
01h
VC Arbitration Capability: This field indicates that the VC arbitration is fixed in
the root complex. VC1 is highest priority and VC0 is lowest priority.
7.1.4
DMIPVCCTL—DMI Port VC Control
MMIO Range:
DMIBAR
Address Offset:
00Ch
Default Value:
00000000h
Access:
R/W, RO
Size:
16 bits
Bit
Access &
Default
Description
15:4
Reserved
3:1
R/W
000b
VC Arbitration Select: This field indicates which VC should be programmed in
the VC arbitration table. The root complex takes no action on the setting of this
field since there is no arbitration table.
0
RO
0b
Load VC Arbitration Table (LAT): This field indicates that the table programmed
should be loaded into the VC arbitration table. This bit is defined as read/write with
always returning 0 on reads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com