Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 119 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 119 Page - Intel Corporation

Back Button 915GL Datasheet HTML 115Page - Intel Corporation 915GL Datasheet HTML 116Page - Intel Corporation 915GL Datasheet HTML 117Page - Intel Corporation 915GL Datasheet HTML 118Page - Intel Corporation 915GL Datasheet HTML 119Page - Intel Corporation 915GL Datasheet HTML 120Page - Intel Corporation 915GL Datasheet HTML 121Page - Intel Corporation 915GL Datasheet HTML 122Page - Intel Corporation 915GL Datasheet HTML 123Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 426 page
background image
DMIBAR Registers—Direct Media Interface (DMI) RCRB
R
Datasheet
119
7.1.6
DMIVC0RCTL0—DMI VC0 Resource Control
MMIO Range:
DMIBAR
Address Offset:
014h
Default Value:
8000007Fh
Access:
R/W, RO
Size:
32 bits
This register controls the resources associated with PCI Express Virtual Channel 0.
Bit
Access &
Default
Description
31
RO
1b
Virtual Channel Enable (EN): Enables the VC when set. Disables the VC when
cleared.
30:27
Reserved
26:24
RO
000b
Virtual Channel Identifier (ID): Indicates the ID to use for this virtual channel.
23:20
Reserved
19:17
R/W
0h
Port Arbitration Select (PAS): Indicates which port table is being programmed.
The root complex takes no action on this setting since the arbitration is fixed and
there is no arbitration table.
16
RO
0b
Load Port Arbitration Table (LAT): The root complex does not implement an
arbitration table for this virtual channel.
15:8
Reserved
7:1
R/W
7Fh
Transaction Class / Virtual Channel Map (TVM): This field indicates which
transaction classes are mapped to this virtual channel. When a bit is set, this
transaction class is mapped to the virtual channel.
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com