Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 118 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 118 Page - Intel Corporation

Back Button 915GL Datasheet HTML 114Page - Intel Corporation 915GL Datasheet HTML 115Page - Intel Corporation 915GL Datasheet HTML 116Page - Intel Corporation 915GL Datasheet HTML 117Page - Intel Corporation 915GL Datasheet HTML 118Page - Intel Corporation 915GL Datasheet HTML 119Page - Intel Corporation 915GL Datasheet HTML 120Page - Intel Corporation 915GL Datasheet HTML 121Page - Intel Corporation 915GL Datasheet HTML 122Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 426 page
background image
DMIBAR Registers—Direct Media Interface (DMI) RCRB
R
118
Datasheet
7.1.5
DMIVC0RCAP—DMI VC0 Resource Capability
MMIO Range:
DMIBAR
Address Offset:
010h
Default Value:
00000001h
Access:
RO
Size:
32 bits
Bit
Access &
Default
Description
31:24
RO
00h
Port Arbitration Table Offset (AT): This VC implements no port arbitration table
since the arbitration is fixed.
23
Reserved
22:16
RO
00h
Maximum Time Slots (MTS): This VC implements fixed arbitration, and therefore
this field is not used.
15
RO
0b
Reject Snoop Transactions (RTS): This VC must be able to take snoopable
transactions.
14
RO
0b
Advanced Packet Switching (APS): This VC is capable of all transactions, not
just advanced packet switching transactions.
13:8
Reserved
7:0
RO
01h
Port Arbitration Capability (PAC): This field indicates that this VC uses fixed
port arbitration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com