Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 122 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 122 Page - Intel Corporation

Back Button 915GL Datasheet HTML 118Page - Intel Corporation 915GL Datasheet HTML 119Page - Intel Corporation 915GL Datasheet HTML 120Page - Intel Corporation 915GL Datasheet HTML 121Page - Intel Corporation 915GL Datasheet HTML 122Page - Intel Corporation 915GL Datasheet HTML 123Page - Intel Corporation 915GL Datasheet HTML 124Page - Intel Corporation 915GL Datasheet HTML 125Page - Intel Corporation 915GL Datasheet HTML 126Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 426 page
background image
DMIBAR Registers—Direct Media Interface (DMI) RCRB
R
122
Datasheet
7.1.11
DMILCAP—DMI Link Capabilities
MMIO Range:
DMIBAR
Address Offset:
084h
Default Value:
00012C41h
Access:
R/WO, RO
Size:
32 bits
This register indicates DMI specific capabilities.
Bit
Access &
Default
Description
31:18
Reserved
17:15
R/WO
010b
L1 Exit Latency (EL1). L1 not supported on DMI.
14:12
R/WO
010b
L0s Exit Latency (EL0): This field indicates that exit latency is 128 ns to less
than 256 ns.
11:10
RO
11b
Active State Link PM Support (APMS): This field indicates that L0s is supported
on DMI.
9:4
RO
4h
Maximum Link Width (MLW): This field indicates the maximum link width is
4 ports.
3:0
RO
1h
Maximum Link Speed (MLS): This field indicates the link speed is 2.5 Gb/s.
7.1.12
DMILCTL—DMI Link Control
MMIO Range:
DMIBAR
Address Offset:
088h
Default Value:
0000h
Access:
R/W
Size:
16 bits
This register allows control of DMI.
Bit
Access &
Default
Description
15:8
Reserved
7
R/W
0h
Extended Synch (ES):
1 = Forces extended transmission of FTS ordered sets when exiting L0s prior to
entering L0 and extra TS1 sequences at exit from L1 prior to entering L0.
6:2
Reserved
1:0
R/W
00b
Active State Link PM Control (APMC): Indicates whether DMI should enter L0s.
00 = Disabled
01 = L0s entry enabled
10 = Reserved
11 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com