Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 123 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 123 Page - Intel Corporation

Back Button 915GL Datasheet HTML 119Page - Intel Corporation 915GL Datasheet HTML 120Page - Intel Corporation 915GL Datasheet HTML 121Page - Intel Corporation 915GL Datasheet HTML 122Page - Intel Corporation 915GL Datasheet HTML 123Page - Intel Corporation 915GL Datasheet HTML 124Page - Intel Corporation 915GL Datasheet HTML 125Page - Intel Corporation 915GL Datasheet HTML 126Page - Intel Corporation 915GL Datasheet HTML 127Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 426 page
background image
DMIBAR Registers—Direct Media Interface (DMI) RCRB
R
Datasheet
123
7.1.13
DMILSTS—DMI Link Status
MMIO Range:
DMIBAR
Address Offset:
08Ah
Default Value:
0001h
Access:
RO
Size:
16 bits
This register indicates DMI status.
Bit
Access &
Default
Description
15:10
Reserved
9:4
RO
00h
Negotiated Link Width (NLW): This field is valid only when the link is in the L0,
L0s, or L1 states (after link width negotiation is successfully completed).
Negotiated link width is x4 (000100b).
All other encodings are reserved.
3:0
RO
1h
Link Speed (LS)
Link is 2.5 Gb/s.
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com