Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 127 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 127 Page - Intel Corporation

Back Button 915GL Datasheet HTML 123Page - Intel Corporation 915GL Datasheet HTML 124Page - Intel Corporation 915GL Datasheet HTML 125Page - Intel Corporation 915GL Datasheet HTML 126Page - Intel Corporation 915GL Datasheet HTML 127Page - Intel Corporation 915GL Datasheet HTML 128Page - Intel Corporation 915GL Datasheet HTML 129Page - Intel Corporation 915GL Datasheet HTML 130Page - Intel Corporation 915GL Datasheet HTML 131Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
127
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
B2–B3h
LSTS
Link Status
1001h
RO
B4–B7h
SLOTCAP
Slot Capabilities
00000000h
R/WO
B8–B9h
SLOTCTL
Slot Control
01C0h
R/W
BA–BBh
SLOTSTS
Slot Status
0X00h
RO, R/W/C
BC–BDh
RCTL
Root Control
0000h
R/W
BE–BFh
—
Reserved
—
—
C0–C3h
RSTS
Root Status
00000000h
RO, R/W/C
C4–EBh
—
Reserved
—
—
EC–EFh
PEGLC
PCI Express*-Graphics Legacy Control
00000000h
R/W, RO
F0–FFh
—
Reserved
—
—
100–103h
VCECH
Virtual Channel Enhanced Capability
Header
14010002h
RO
104–107h
PVCCAP1
Port VC Capability Register 1
00000001h
RO, R/WO
108–10Bh
PVCCAP2
Port VC Capability Register 2
00000001h
RO
10C–10Dh
PVCCTL
Port VC Control
0000h
R/W
10E–10Fh
—
Reserved
—
—
110–113h
VC0RCAP
VC0 Resource Capability
00000000h
RO
114–117h
VC0RCTL
VC0 Resource Control
8000007Fh
RO, R/W
118–119h
—
Reserved
—
—
11A–11Bh
VC0RSTS
VC0 Resource Status
0000h
RO
11C–11Fh
VC1RCAP
VC1 Resource Capability
00008000h
RO
120–123h
VC1RCTL
VC1 Resource Control
01000000h
RO, R/W
124–125h
—
Reserved
—
—
126–127h
VC1RSTS
VC1 Resource Status
0000h
RO
128–13Fh
—
Reserved
—
—
140–143h
RCLDECH
Root Complex Link Declaration Enhanced
Capability Header
00010005h
RO
144–147h
ESD
Element Self Description
02000100h
RO, R/WO
148–14Fh
—
Reserved
—
—
150–153h
LE1D
Link Entry 1 Description
00000000h
RO, R/WO
154–157h
—
Reserved
—
—
158–15Fh
LE1A
Link Entry 1 Address
000000000
0000000h
R/WO
160–217h
—
Reserved
—
—
218–21Fh
PEGSSTS
PCI Express*-Graphics Sequence Status
000000000
0000FFFh
RO
220–FFFh
—
Reserved
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com