Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 125 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 125 Page - Intel Corporation

Back Button 915GL Datasheet HTML 121Page - Intel Corporation 915GL Datasheet HTML 122Page - Intel Corporation 915GL Datasheet HTML 123Page - Intel Corporation 915GL Datasheet HTML 124Page - Intel Corporation 915GL Datasheet HTML 125Page - Intel Corporation 915GL Datasheet HTML 126Page - Intel Corporation 915GL Datasheet HTML 127Page - Intel Corporation 915GL Datasheet HTML 128Page - Intel Corporation 915GL Datasheet HTML 129Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
125
8
Host-PCI Express* Bridge
Registers (D1:F0)
(Intel
® 82915G/82915P/82915PL
Only)
Device 1contains the controls associated with the PCI Express x16 root port that is the intended to
attach as the point for external graphics. It is typically referred to as PCI Express* x16 Graphics
Interface port. In addition, it also functions as the virtual PCI-to-PCI bridge.
Warning: When reading the PCI Express "conceptual" registers such as this, you may not get a valid value
unless the register value is stable.
The PCI Express* Specification defines two types of reserved bits: Reserved and Preserved:
• Reserved for future R/W implementations; software must preserve value read for writes to
bits.
• Reserved and Zero: Reserved for future R/WC/S implementations; software must use 0 for
writes to bits.
Unless explicitly documented as Reserved and Zero, all bits marked as reserved are part of the
Reserved and Preserved type that have historically been the typical definition for Reserved.
It is important to note that most (if not all) control bits in this device cannot be modified unless
the link is down. Software is required to first Disable the link, then program the registers, and
then re-enable the link (which will cause a full-retrain with the new settings).
Table 8-1. Host-PCI Express* Graphics Bridge Register Address Map (D1:F0)
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
00–01h
VID1
Vendor Identification
8086h
RO
02–03h
DID1
Device Identification
2581h
RO
04–05h
PCICMD1
PCI Command
0000h
RO, R/W
06–07h
PCISTS1
PCI Status
0000h
RO, R/W
08h
RID1
Revision Identification
See
register
description
RO
09–0Bh
CC1
Class Code
060400h
RO
0Ch
CL1
Cache Line Size
00h
R/W
0Dh
—
Reserved
—
—
0Eh
HDR1
Header Type
01h
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com