Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 191 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 191 Page - Intel Corporation

Back Button 915GL Datasheet HTML 187Page - Intel Corporation 915GL Datasheet HTML 188Page - Intel Corporation 915GL Datasheet HTML 189Page - Intel Corporation 915GL Datasheet HTML 190Page - Intel Corporation 915GL Datasheet HTML 191Page - Intel Corporation 915GL Datasheet HTML 192Page - Intel Corporation 915GL Datasheet HTML 193Page - Intel Corporation 915GL Datasheet HTML 194Page - Intel Corporation 915GL Datasheet HTML 195Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 426 page
background image
Integrated Graphics Device Registers (D2:F0)
(Intel® 82915G/82915GV/82915GL/ 82910GL GMCH Only)
R
Datasheet
191
9.1.31
SWSMI—Software SMI (D2:F0)
PCI Device:
2
Address Offset:
E0h
Default Value:
0000h
Access:
R/W
Size:
16 bits
As long as there is the potential that DVO port legacy drivers exist that expect this register at this
address, Dev2, F0, address E0h–E1h must be reserved for this register.
Bit
Access &
Default
Description
15:8
R/W
00h
SW scratch bits
7:1
R/W
00h
Software Flag: This field is used to indicate caller and SMI function desired, as
well as return result.
0
R/W
0b
GMCH Software SMI Event: When Set, this bit will trigger an SMI. Software
must write a 0 to clear this bit
9.1.32
ASLE—System Display Event Register (D2:F0)
PCI Device:
2
Address Offset:
E4h
Default Value:
00000000h
Access:
R/W
Size:
32 bits
Byte, Word, or Double Word PCI configuration cycles can access this register.
Bit
Access &
Default
Description
31:8
R/W
00h
ASLE Scratch Trigger 3: When written, this scratch byte triggers an interrupt
when IER bit 0 is enabled and IMR bit 0 is unmasked. If written as part of a 16-
bit or 32-bit write, only one interrupt is generated in common.
23:16
R/W
00h
ASLE Scratch Trigger 2: When written, this scratch byte triggers an interrupt
when IER bit 0 is enabled and IMR bit 0 is unmasked. If written as part of a 16-
bit or 32-bit write, only one interrupt is generated in common.
15:8
R/W
00h
ASLE Scratch Trigger 1: When written, this scratch byte triggers an interrupt
when IER bit 0 is enabled and IMR bit 0 is unmasked. If written as part of a 16-
bit or 32-bit write, only one interrupt is generated in common.
7:0
R/W
00h
ASLE Scratch Trigger 0: When written, this scratch byte triggers an interrupt
when IER bit 0 is enabled and IMR bit 0 is unmasked. If written as part of a 16-
bit or 32-bit write, only one interrupt is generated in common.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com