Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 193 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 193 Page - Intel Corporation

Back Button 915GL Datasheet HTML 189Page - Intel Corporation 915GL Datasheet HTML 190Page - Intel Corporation 915GL Datasheet HTML 191Page - Intel Corporation 915GL Datasheet HTML 192Page - Intel Corporation 915GL Datasheet HTML 193Page - Intel Corporation 915GL Datasheet HTML 194Page - Intel Corporation 915GL Datasheet HTML 195Page - Intel Corporation 915GL Datasheet HTML 196Page - Intel Corporation 915GL Datasheet HTML 197Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 426 page
background image
Device 2 Function 1 (D2:F1) Configuration Registers
(Intel® 82915G/82915GV/82915GL/ 82910GL Only)
R
Datasheet
193
10
Device 2 Function 1 (D2:F1)
Configuration Registers
(Intel
® 82915G/82915GV/82915GL/
82910GL Only)
Table 10-1. Device 2 Function 1 Register Address Map Summary
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
00–01h
VID2
Vendor Identification
8086h
RO
02–03h
DID2
Device Identification
2780h
RO
04–05h
PCICMD2
PCI Command
0000h
RO, R/W
06–07h
PCISTS2
PCI Status
0090h
RO
08h
RID2
Revision Identification
See register
description
RO
09–0Bh
CC
Class Code Register
03800h
RO
0Ch
CLS
Cache Line Size
00h
RO
0Dh
MLT2
Master Latency Timer
00h
RO
0Eh
HDR2
Header Type Register
80h
RO
0Fh
—
Reserved
—
—
10–13h
MMADR
Memory Mapped Range Address
00000000h
RO, R/W
14–2Bh
—
Reserved
—
—
2C–2Dh
SVID2
Subsystem Vendor Identification
0000h
R/WO
2E–2Fh
SID2
Subsystem Identification
0000h
R/WO
30–33h
ROMADR
Video BIOS ROM Base Address
00000000h
RO
34h
CAPPOINT
Capabilities Pointer
D0h
RO
35–3Dh
—
Reserved
—
—
3Eh
MINGNT
Minimum Grant Register
00h
RO
3Fh
MAXLAT
Maximum Latency
00h
RO
40–43h
—
Reserved
—
—
44h
MCAPPTR
Mirror of Dev0 Capability Pointer
45–47h
—
Reserved
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com