Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 192 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 192 Page - Intel Corporation

Back Button 915GL Datasheet HTML 188Page - Intel Corporation 915GL Datasheet HTML 189Page - Intel Corporation 915GL Datasheet HTML 190Page - Intel Corporation 915GL Datasheet HTML 191Page - Intel Corporation 915GL Datasheet HTML 192Page - Intel Corporation 915GL Datasheet HTML 193Page - Intel Corporation 915GL Datasheet HTML 194Page - Intel Corporation 915GL Datasheet HTML 195Page - Intel Corporation 915GL Datasheet HTML 196Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 426 page
background image
Integrated Graphics Device Registers (D2:F0)
(Intel® 82915G/82915GV/82915GL/ 82910GL GMCH Only)
R
192
Datasheet
9.1.33
ASLS—ASL Storage (D2:F0)
PCI Device:
2
Address Offset:
FCh
Default Value:
00000000h
Access:
R/W
Size:
32 bits
This SW scratch register only needs to be read/write accessible. The exact bit register usage must
be worked out in common between System BIOS and driver software, but storage for
switching/indicating up to 6 devices is possible with this amount. For each device, the ASL
control method requires two bits for _DOD (BIOS detectable yes or no, VGA/Non VGA); one bit
for _DGS (enable/disable requested) and two bits for _DCS (enabled now/disabled now,
connected or not).
Bit
Access &
Default
Description
31:0
R/W
00000000 h
RW according to a software controlled usage to support device switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com