Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 227 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 227 Page - Intel Corporation

Back Button 915GL Datasheet HTML 223Page - Intel Corporation 915GL Datasheet HTML 224Page - Intel Corporation 915GL Datasheet HTML 225Page - Intel Corporation 915GL Datasheet HTML 226Page - Intel Corporation 915GL Datasheet HTML 227Page - Intel Corporation 915GL Datasheet HTML 228Page - Intel Corporation 915GL Datasheet HTML 229Page - Intel Corporation 915GL Datasheet HTML 230Page - Intel Corporation 915GL Datasheet HTML 231Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 426 page
background image
Functional Description
R
Datasheet
227
12.3.1
DRAM Technologies and Organization
All standard 256-Mb, 512-Mb, and 1-Gb technologies and addressing are supported for x16 and
x8 devices.
• All supported DDR devices have 4 banks; all supported DDR2 devices have 4 or 8 banks.
• The (G)MCH supports various page sizes. Page size is individually selected for every rank.
• 4 KB, 8 KB, and 16 KB for asymmetric, interleaved, or single-channel modes.
• The DRAM sub-system supports single or dual channels, 64-b wide per channel.
• There can be a maximum of four ranks populated (two double-sided DIMMs) per channel.
• Mixed mode double-sided DIMMs (x8 and x16 on the same DIMM) are not supported
• By using 1-Gb technology, the largest memory capacity is 8 GB
32M rows/bank * 4 banks/device * 8 columns * 8 devices/rank * 4 ranks/channel *
2 channel * 1b/(row*column) * 1G/1024M * 1B/8b = 8 GB.
Though it is possible to put 8 GB in system by stuffing both channels this way, the (G)MCH
is still limited to 4 GB of addressable space due to the number of address pins on the FSB.
• By using 256-Mb technology, the smallest memory capacity is 128 MB
(4M rows/bank * 4banks/device * 16 columns * 4 devices/rank * 1 rank * 1B/8b =128 MB)
12.3.1.1
Rules for Populating DIMM Slots
• In all modes, the frequency of system memory will be the lowest frequency of all DIMMs in
the system, as determined through the SPD registers on the DIMMs.
• In the Single Channel mode, any DIMM slot within the channel may be populated in any
order. Either channel may be used. To save power, do not populate the unused channel.
• In Dual-Channel Asymmetric mode, any DIMM slot may be populated in any order.
• In Dual-Channel Interleaved mode, any DIMM slot may be populated in any order, but the
total memory in each channel must be the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com