Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 231 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 231 Page - Intel Corporation

Back Button 915GL Datasheet HTML 227Page - Intel Corporation 915GL Datasheet HTML 228Page - Intel Corporation 915GL Datasheet HTML 229Page - Intel Corporation 915GL Datasheet HTML 230Page - Intel Corporation 915GL Datasheet HTML 231Page - Intel Corporation 915GL Datasheet HTML 232Page - Intel Corporation 915GL Datasheet HTML 233Page - Intel Corporation 915GL Datasheet HTML 234Page - Intel Corporation 915GL Datasheet HTML 235Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 426 page
background image
Functional Description
R
Datasheet
231
12.3.2
DRAM Clock Generation
The (G)MCH generates three differential clock pairs for every supported DIMM. There are a total
of 6 clock pairs driven directly by the (G)MCH to 2 DIMMs per channel
(82915G/82915GV/82915GL and 82915P) and to 1 DIMM per channel (82910GL/82915PL).
12.3.3
Suspend-to-RAM and Resume
When entering the Suspend-to-RAM (STR) state, the SDRAM controller will flush pending
cycles and then enter all SDRAM rows into self refresh. In STR, the CKE signals remain LOW so
the SDRAM devices will perform self-refresh.n
12.3.4
DDR2 On-Die Termination
On-die termination (ODT) is a feature that allows a DRAM to turn on/off internal termination
resistance for each DQ, DM, DQS, and DQS# signal for x8 and x16 configurations via the ODT
control signals. The ODT feature is designed to improve signal integrity of the memory channel
by allowing the termination resistance for the DQ, DM, DQS, and DQS# signals to be located
inside the DRAM devices themselves, instead of on the motherboard. The (G)MCH drives out the
required ODT signals, based on memory configuration and which rank is being written to or read
from, to the DRAM devices on a targeted DIMM rank to enable or disable their termination
resistance.
12.3.5
DDR2 Off-Chip Driver Impedance Calibration
The OCD impedance adjustment mode allows the (G)MCH to measure and adjust the pull-up and
pull-down strength of the DRAM devices. It uses a series of EMRS commands to guide the
DRAM through measurement and calibration cycles. This feature is described in more detail in
the JEDEC DDR2 device specification.
The algorithm and sequence of the adjustment cycles is handled by software. The (G)MCH
adjusts the DRAM driver impedance by issuing OCD commands to the DIMM and looking at the
analog voltage on the DQ lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com